Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1730
Description  150mA, Low Noise, Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1730_15 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1730_15 Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AIC1730
9
PIN DESCRIPTIONS
PIN 1 : VIN
-
Power supply input pin. Bypass
with a 1
μF capacitor to GND
PIN 2 : GND -
Ground pin.
PIN 3 : SHDN - Active-Low shutdown input pin.
PIN 4 : BP
- Noise bypass pin. An external
bypass capacitor connecting to
BP pin to reduce noises at the
output.
PIN 5 : VOUT - Output pin. Sources up to 150
mA.
DETAILED DESCRIPTION OF TECHNICAL TERMS
DROPOUT VOLTAGE (VDROP)
The dropout voltage is defined as the difference
between the input voltage and output voltage at
which the output voltage drops 100mV. Below
this value, the output voltage will fall as the input
voltage reduces. It depends on the load current
and junction temperature.
LINE REGULATION
Line regulation is the ability of the regulator to
maintain a constant output voltage as the input
voltage changes. The line regulation is specified
as the input voltage changes from VIN = VOUT + 1V
to VIN = 8V and IOUT = 1mA.
LOAD REGULATION
Load regulation is the ability of the regulator to
maintain a constant output voltage as the load
current changes. A pulsed measurement with an
input voltage set to VIN = VOUT + VDROP can
minimize temperature effects. The load regulation
is specified by the output current ranging from
0.1mA to 150mA.
QUIESCENT CURRENT (IQ)
Quiescent current is the current flowing through
ground pin with no output load.
GROUND CURRENT (IGND)
Ground current is the current flowing through the
ground pin with output load.
STANDBY CURRENT (ISTBY)
Standby current is the current flowing into the
regulator when the output is shutdown by setting
V SHDN at 0V and VIN at 8 V.
CURRENT LIMIT (IIL)
Current limiting of AIC1730 monitors and controls
the maximum output current, in case of a shorted
output. It protects device from the damage
resulting from any unexpected current.
THERMAL PROTECTION
Thermal
sensor
protects
device
when
the
junction temperature exceeds TJ= +155ºC. It
signals shutdown logic, turning off pass transistor
and allowing IC to cool down. After the IC’s
junction temperature cools by 20ºC, the thermal
sensor will turn the pass transistor back on.
Thermal protection is designed to protect the
device in the event of fault conditions. For a
continuous operation, do not exceed the absolute
maximum junction-temperature rating of TJ=
150ºC, or damage may occur to the device.


Similar Part No. - AIC1730_15

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-18CQ AIC-AIC1730-18CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18CV AIC-AIC1730-18CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-19CQ AIC-AIC1730-19CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-19CV AIC-AIC1730-19CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results

Similar Description - AIC1730_15

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com