Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1722A-18XU Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1722A-18XU
Description  300mA Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722A-18XU Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1722A-18XU Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 9Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 10Page - Analog Intergrations Corporation AIC1722A-18XU Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AIC1722A
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
50
100
150
200
250
300
400
500
600
700
800
900
1000
T=20
°C
T=80
°C
T=50
°C
AIC1722A-18
ILOAD (mA)
Fig. 13 VDROP vs. ILOAD
T=-40
°C
0
50
100
150
200
250
300
0
100
200
300
400
500
T=80
C
AIC1722A-25
I LOAD (mA)
Fig. 14 VDROP vs. ILOAD
T=50
C
T=20
C
T=-40
C
0
60
120
180
240
300
0
60
120
180
240
300
360
AIC1722A-33
Fig. 15 VDROP vs. ILOAD
ILOAD (mA)
T=50
C
T=80
C
T=20
C
T=-40
C
AIC1722A-52
T=80
C
T=50
C
T=20
C
T=-40
C
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Fig. 16 VDROP vs. ILOAD
I LOAD (mA)
-40
-20
0
20
40
60
80
460
470
480
490
500
510
520
530
540
V IN=7V
V IN=6V
V IN=5V
AIC1722A
Temperature (
C)
Fig. 17 Current Limit vs. Temperature
V IN=4V


Similar Part No. - AIC1722A-18XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-18CUBG AIC-AIC1722A-18CUBG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-18CUTR AIC-AIC1722A-18CUTR Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-18CXABG AIC-AIC1722A-18CXABG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-18CXATR AIC-AIC1722A-18CXATR Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-18CXTBG AIC-AIC1722A-18CXTBG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722A-18XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com