Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-25CX5 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1731-25CX5
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-25CX5 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1731-25CX5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-25CX5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AIC1731
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
12V
Shutdown Terminal Voltage
8V
Noise Bypass Terminal Voltage
5V
Operating Temperature Range
-40ºC~85ºC
Maximum Junction Temperature
125
°C
Storage Temperature Range
-65ºC~150ºC
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance Junction to Case, R
θ
JC
SOT-23-5
130
°C /W
SOT-89-5
30
°C /W
Thermal Resistance Junction to Ambient, R
θ
JA SOT-23-5
220
°C /W
SOT-89-5
160
°C /W
(Assume no ambient airflow, no heatsink)
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT


Similar Part No. - AIC1731-25CX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-25CVBG AIC-AIC1731-25CVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-25CVTR AIC-AIC1731-25CVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-25CX5

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com