Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6261N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6261N
Description  High Speed Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6261N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6261N Datasheet HTML 1Page - National Semiconductor (TI) LM6261N Datasheet HTML 2Page - National Semiconductor (TI) LM6261N Datasheet HTML 3Page - National Semiconductor (TI) LM6261N Datasheet HTML 4Page - National Semiconductor (TI) LM6261N Datasheet HTML 5Page - National Semiconductor (TI) LM6261N Datasheet HTML 6Page - National Semiconductor (TI) LM6261N Datasheet HTML 7Page - National Semiconductor (TI) LM6261N Datasheet HTML 8Page - National Semiconductor (TI) LM6261N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 12)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ −V)
36V
Differential Input Voltage
(Note 8)
±8V
Common-Mode Voltage Range
(Note 10)
(V
+ − 0.7V) to (V+ 0.7V)
Output Short Circuit to GND
(Note 1)
Continuous
Soldering Information
Dual-In-Line Package (N, J)
Soldering (10 sec.)
260˚C
Small Outline Package (M)
Vapor Phase (60 sec.)
Infrared (15 sec.)
215˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Storage Temp Range
−65˚C to +150˚C
Max Junction Temperature
150˚C
ESD Tolerance (Notes 6, 7)
±700V
Operating Ratings (Note 12)
Temperature Range (Note 2)
LM6161
−55˚C
≤ T
J ≤ +125˚C
LM6261
−25˚C
≤ T
J ≤ +85˚C
LM6361
0˚C
≤ T
J ≤ +70˚C
Supply Voltage Range
4.75V to 32V
DC Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, V
CM = 0, RL ≥ 100 kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for T
J = TMIN to TMAX; all other limits TJ = 25˚C.
Symbol
Parameter
Conditions
Typ
LM6161
LM6261
LM6361
Units
Limit
Limit
Limit
(Notes 3, 11)
(Note 3)
(Note 3)
V
OS
Input Offset Voltage
5
7
7
20
mV
10
9
22
Max
V
OS
Input Offset Voltage
10
µV/˚C
Drift
Average Drift
I
b
Input Bias Current
2
3
3
5
µA
65
6
Max
I
OS
Input Offset Current
150
350
350
1500
nA
800
600
1900
Max
I
OS
Input Offset Current
0.4
nA/˚C
Drift
Average Drift
R
IN
Input Resistance
Differential
325
k
C
IN
Input Capacitance
A
V = +1 @ 10 MHz
1.5
pF
A
VOL
Large Signal
V
OUT = ±10V,
750
550
550
400
V/V
Voltage Gain
R
L = 2kΩ (Note 9)
300
400
350
Min
R
L = 10 kΩ (Note 9)
2900
V/V
V
CM
Input Common-Mode
Supply = ±15V
+14.0
+13.9
+13.9
+13.8
Volts
Voltage Range
+13.8
+13.8
+13.7
Min
−13.2
−12.9
−12.9
−12.8
Volts
−12.7
−12.7
−12.7
Min
Supply = +5V
4.0
3.9
3.9
3.8
Volts
(Note 4)
3.8
3.8
3.7
Min
1.8
2.0
2.0
2.1
Volts
2.2
2.2
2.2
Max
CMRR
Common-Mode
−10V
≤ V
CM ≤ +10V
94
80
80
72
dB
Rejection Ratio
74
76
70
Min
PSRR
Power Supply
±10V
≤ V± ±16V
90
80
80
72
dB
Rejection Ratio
74
76
70
Min
www.national.com
2


Similar Part No. - LM6261N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6262 NSC-LM6262 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
LM6262M NSC-LM6262M Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
LM6262N NSC-LM6262N Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
LM6264 NSC-LM6264 Datasheet
427Kb / 12P
   High Speed Operational Amplifier
LM6264N NSC-LM6264N Datasheet
427Kb / 12P
   High Speed Operational Amplifier
More results

Similar Description - LM6261N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
   High Speed Operational Amplifier
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
   HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com