Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730-27 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1730-27
Description  150mA, Low Noise, Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-27 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1730-27 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-27 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AIC1730
150mA, Low Noise, Low Dropout Linear Regulator
Analog Integrations Corporation
Si-Soft Research Center
DS-1730G-01
20100118
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Very Low Quiescent Current, 55
μA
Very Low Dropout Voltage, 90mV @ 50mA.
Short Circuit and Thermal Protection.
Available in
±2% Output Tolerance.
1.8V to 3.3V Output Voltage with 0.1V Increment.
Active Low Shutdown Control.
Low Noise.
Low Profile Package: SOT-23-5
APPLICATIONS
Cellular Telephones.
Pagers.
Personal Communication Equipment.
Cordless Telephones.
Portable Instrumentation.
Portable Consumer Equipment.
Radio Control Systems.
Low Voltage Systems.
Battery Powered Systems.
DESCRIPTION
The AIC1730 is a low noise, low dropout linear
regulator, and is housed in a small SOT-23-5
package. The device is in the “ON” state when
the SHDN pin is set to logic high level. A low
dropout voltage of 90mV at 50mA load current is
performed. It offers high precision output voltage
of
±2%. The quality of low quiescent current and
low dropout voltage makes this device ideal for
battery power applications. The internal reverse
bias protection eliminates the requirement for a
reverse voltage protection diode. The high ripple
rejection
and
low
noise
provide
enhanced
performance for critical applications. The noise
bypass pin can be connected an external
capacitor to reduce the output noise level.
TYPICAL APPLICATION CIRCUIT
CIN
1
μF
VIN
BP
VOUT
SHDN
GND
VIN
AIC1730
COUT
1
μF
CBP
0.1
μF
V SHDN
VOUT
+
+
Low Noise Low Dropout Linear Regulator


Similar Part No. - AIC1730-27

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-27CQ AIC-AIC1730-27CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-27CV AIC-AIC1730-27CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results

Similar Description - AIC1730-27

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com