Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1746-xxPK5 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1746-xxPK5
Description  150mA Linear Regulator With Bypass Pin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1746-xxPK5 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1746-xxPK5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1746-xxPK5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AIC1746
2
ORDERING INFORMATION
3 pin:
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
U3: SOT-23
X3A: SOT-89
X3T: SOT-89
K3: TSOT23
J3:
SC70
P: Lead Free Commercial
G: Green Package
(SC70 is only available on
Green Package)
OUTPUT VOLTAGE
11: 1.1V
12: 1.2V
13: 1.3V
15: 1.5V
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
285: 2.85V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
(Of a unit of 0.1V within 1.1~4.2V additional
voltage versions are available on demand)
3 PIN CONFIGURATION
SOT-89 (X3T)
TOP VIEW
1: VOUT
2. GND
3. VIN
SOT-89 (X3A)
TOP VIEW
1: GND
2. VIN
3. VOUT
1
2
3
1
2
3
AIC1746-XXXXX XX
Example:
AIC1746-18PX3ATR
1.8V Version, in SOT-89 Lead Free
Package & Tape & Reel Packing Type
SOT-23/TSOT23
TOP VIEW
1: GND
2: VOUT
3: VIN
3
1
2
SC70
TOP VIEW
1: GND
2: VOUT
3: VIN
3
1
2


Similar Part No. - AIC1746-xxPK5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
More results

Similar Description - AIC1746-xxPK5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1747 AIC-AIC1747 Datasheet
617Kb / 22P
   300mA Linear Regulator With Bypass Pin
AIC1748 AIC-AIC1748 Datasheet
379Kb / 20P
   High PSRR, 600mA Linear Regulator With Bypass Pin
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com