Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-30GX5 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1731-30GX5
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-30GX5 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1731-30GX5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-30GX5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AIC1731
2
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
V: SOT-23-5
X5: SOT-89-5
P: LEAD FREE COMMERCIAL
G: GREEN PACKAGE
OUTPUT VOLTAGE
13: 1.3V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
AIC1731-XXXXXX
PIN CONFIGURATION
SOT-23-5
TOP VIEW
1: VIN
2: GND
3: SHDN
4: BP
5: VOUT
3
2
1
4
5
(Of a unit of 0.1V within the voltage range from 1.3V to 3.3V, additional
voltage versions for this product line may be available on demand with
prior consultation with AIC.)
Example: AIC1731-18PX5TR
1.8V Version, in SOT-89-5 Lead Free Package & Tape &
Reel Packing Type
AIC1731-18PVTR
1.8V Version, in SOT-23-5 Lead Free Package & Tape &
Reel Packing Type
SOT-89-5
TOP VIEW
1: VIN
2: GND
3: SHDN
4: BP
5: VOUT
1
2
3
5
4
SOT-23-5 Marking
Part No.
Marking
Part No.
Marking
Part No.
Marking
AIC1731-13CV
ED13
AIC1731-13PV
ED13P
AIC1731-13GV
ED13G
AIC1731-15CV
ED15
AIC1731-15PV
ED15P
AIC1731-15GV
ED15G
AIC1731-18CV
ED18
AIC1731-18PV
ED18P
AIC1731-18GV
ED18G
AIC1731-25CV
ED25
AIC1731-25PV
ED25P
AIC1731-25GV
ED25G
AIC1731-28CV
ED28
AIC1731-28PV
ED28P
AIC1731-28GV
ED28G
AIC1731-30CV
ED30
AIC1731-30PV
ED30P
AIC1731-30GV
ED30G
AIC1731-33CV
ED33
AIC1731-33PV
ED33P
AIC1731-33GV
ED33G
SOT-89-5 Marking
Part No.
Marking
Part No.
Marking
Part No.
Marking
AIC1731-13CX5
EH13
AIC1731-13PX5
EH13P
AIC1731-13GX5
EH13G
AIC1731-15CX5
EH15
AIC1731-15PX5
EH15P
AIC1731-15GX5
EH15G
AIC1731-18CX5
EH18
AIC1731-18PX5
EH18P
AIC1731-18GX5
EH18G
AIC1731-25CX5
EH25
AIC1731-25PX5
EH25P
AIC1731-25GX5
EH25G
AIC1731-28CX5
EH28
AIC1731-28PX5
EH28P
AIC1731-28GX5
EH28G
AIC1731-30CX5
EH30
AIC1731-30PX5
EH30P
AIC1731-30GX5
EH30G
AIC1731-33CX5
EH33
AIC1731-33PX5
EH33P
AIC1731-33GX5
EH33G


Similar Part No. - AIC1731-30GX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-30CVBG AIC-AIC1731-30CVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-30CVTR AIC-AIC1731-30CVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-30PVBG AIC-AIC1731-30PVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-30PVTR AIC-AIC1731-30PVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-30GX5

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com