Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730-33 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1730-33
Description  150mA, Low Noise, Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-33 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1730-33 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-33 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AIC1730
4
ELECTRICAL CHARACTERISTICS
(CIN=1μF, COUT=10μF, TJ=25°C, unless otherwise specified) (Note1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Quiescent Current
IOUT = 0mA, VIN = 3.6~12V
IQ
55
80
μA
Standby Current
VIN = 3.6~8V, output OFF
ISTBY
0.1
μA
GND Pin Current
IOUT = 0.1~150mA
IGND
55
80
μA
Continuous Output Current
VIN = VOUT + 1V
IOUT
150
mA
Output Current Limit
VIN = VOUT + 1V, VOUT = 0V
IIL
150
220
mA
Output Voltage Tolerance
VIN = VOUT + 1V, no load
VOUT
-2
2
%
Temperature Coefficient
TC
50
150
ppm/ºC
Line Regulation
VIN = VOUT(TYP) + 1V to
VOUT(TYP) + 6V
ΔV
LIR
2
7
mV
Load Regulation
VIN = 5V,
IOUT = 0.1~150mA
ΔV
LOR
7
25
mV
IOUT = 50 mA
90
160
mV
IOUT = 100 mA
140
230
mV
Dropout Voltage (1)
IOUT = 150 mA
VOUT≥2.5V
VDROP1
200
350
mV
Dropout Voltage (2)
IOUT=150 mA
VOUT <2.5V
VDROP2
700
mV
Noise Bypass Terminal Voltage
VREF
1.23
V
Output Noise
CBP = 0.1μF, f = 1KHz
VIN = 5V
Δn
0.46
Hz
V
μ
SHUTDOWN TERMINAL SPECIFICATIONS
Shutdown Pin Current
I SHDN
0.1
μA
Shutdown Pin Voltage (ON)
Output ON
V SHDN
(ON)
1.6
V
Shutdown Pin Voltage (OFF)
Output OFF
V SHDN
(OFF)
0.6
V
Shutdown Exit Delay Time
CBP = 0.1μF, COUT = 1μF,
IOUT=30mA
Δt
300
μS
THERMAL PROTECTION
Thermal Shutdown Temperature
TSD
155
ºC
Thermal Shutdown Hysteresis
Guaranteed by design
THYST
20
ºC
Note 1: Specifications are production tested at TA=25
°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).


Similar Part No. - AIC1730-33

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-33CQ AIC-AIC1730-33CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-33CV AIC-AIC1730-33CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results

Similar Description - AIC1730-33

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com