Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1516S018B-E2-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1516S018B-E2-FE
Description  Input Voltage Range 4V to 36V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1516S018B-E2-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1516S018B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 13Page - RICOH electronics devices division R1516S018B-E2-FE Datasheet HTML 14Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
R1516x
NO.EA-258-140703
11
7) Input Transient Response (C1
=none, C2=Ceramic 0.1μF, I
OUT
=1mA, Topt=25°C)
R1516x018x
R1516x050x
R1516x018x
R1516x050x
8) Load Transient Response (C1
=Ceramic 0.1μF, C
2
=Ceramic 0.1μF, Topt=25°C)
R1516x018x
R1516x050x
1.8
6.8
11.8
16.8
-80
0
80
160
240
320
time t (
μs)
0.8
1.8
2.8
3.8
4.8
5.8
tr=tf=1
μs
Input Voltage
Output Voltage
0
5
10
15
20
-80
0
80
160
240
320
time t (
μs)
3
4
5
6
7
8
9
tr=tf=1
μs
Input Voltage
Output Voltage
4.8
9.8
14.8
-2
02
46
time t (ms
0.8
1.3
1.8
2.3
2.8
3.3
3.8
tr=tf=50
μs
Input Voltage
Output Voltage
3
8
13
18
-2
0
246
time t (
μs)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
tr=tf=50
μs
Output Voltage
Input Voltage
0
20
40
-80
0
80
160
240
Time t (
μs)
1.3
1.8
2.3
2.8
3.3
3.8
tr=tf=1
μs
Output Voltage
Output Current
1mA
⇔20mA
0
20
40
-80
0
80
160
240
Time t (
μs)
4.5
5.0
5.5
6.0
6.5
7.0
Output Current
1mA
⇔20mA
tr=tf=1
μs
Output Voltage


Similar Part No. - R1516S018B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1516S020B-E2-FE RICOH-R1516S020B-E2-FE Datasheet
207Kb / 14P
   Input Voltage Max. 36V
R1516S025B-E2-FE RICOH-R1516S025B-E2-FE Datasheet
207Kb / 14P
   Input Voltage Max. 36V
R1516S030B-E2-FE RICOH-R1516S030B-E2-FE Datasheet
207Kb / 14P
   Input Voltage Max. 36V
R1516S040B-E2-FE RICOH-R1516S040B-E2-FE Datasheet
207Kb / 14P
   Input Voltage Max. 36V
R1516S050B-E2-FE RICOH-R1516S050B-E2-FE Datasheet
207Kb / 14P
   Input Voltage Max. 36V
More results

Similar Description - R1516S018B-E2-FE

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Cadeka Microcircuits LL...
NJM4558 CADEKA-NJM4558 Datasheet
1Mb / 13P
   Dual 4V to 36V Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com