Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733-18GX5 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1733-18GX5
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-18GX5 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1733-18GX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1733-18GX5 Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AIC1733
8
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 18 Line Transient Response
VOUT=1.5V
CIN=1µF, COUT=4.7µF
CBP=0.1µF
IIout=50mA
Vin=VOUT+1V
Vin=VOUT+2V
Fig. 19 Load Transient Response
COUT=4.7µF
CBP=0.1µF
IOUT=120mA
IOUT=180mA
VOUT
Fig. 20 Load Transient Response
COUT=1µF
CBP=0.1µF
IOUT=120mA
IOUT=180mA
VOUT


Similar Part No. - AIC1733-18GX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-18CVBG AIC-AIC1733-18CVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-18CVTR AIC-AIC1733-18CVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-18PVBG AIC-AIC1733-18PVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-18PVTR AIC-AIC1733-18PVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-18GX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com