Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1511S050B-E2-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1511S050B-E2-FE
Description  Input Voltage Range 3.5V to 36V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1511S050B-E2-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1511S050B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1511S050B-E2-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
R1511x
9
TYPICAL APPLICATIONS
R1511xxxxB
Series
VDD
CE
VOUT
GND
CIN
COUT
CIN=Ceramic 1.0μF
COUT=Ceramic 6.8μF
R1511x001C
Series
VDD
VFB
VOUT
GND
CIN
COUT
CIN=Ceramic 1.0μF
COUT=Ceramic 6.8μF
R2
R3
RFB
NOTES CONCERNING EXTERNAL PARTS
Phase Compensation
In the R1511x Series, phase compensation is provided to secure stable operation even when the load current
is varied. For this purpose, please make sure to use a COUT capacitor.
In case of using a tantalum type capacitor and the ESR (Equivalent Series Resistance) value of the capacitor
is large, the output might be unstable. Evaluate the circuit including consideration of frequency characteristics.
Depending on the capacitor size, manufacturer, and part number, the bias characteristics and temperature
characteristics are different. Evaluate the circuit taking actual characteristics into account.
PCB Layout and GND Wiring
Ensure the VDD and GND lines are sufficiently robust. If their impedance is too high, noise pickup or unstable
operation may result. Connect a CIN capacitor with 1.0µF or more value between the VDD and GND pins, and as
close as possible to the pins. Likewise, connect a COUT capacitor with suitable values between the VOUT and GND
pins, and as close as possible to the pins (Please refer to the Typical Application above).
In the case of using HSOP-6J package, please make sure to wire No. 2, No. 3, and No. 5 pins to the GND
plane. Also, in the case of using TO-252-5-P2 package, please make sure to wire No. 2 and No. 3 pins to the
GND plane.
Thermal Shutdown
R1511x contains a thermal shutdown circuit, which stops regulator operation if the junction temperature of
R1511x becomes higher than 160ºC (Typ.). Additionally, if the junction temperature after the regulator being
stopped decreases to a level below 135ºC (Typ.), it restarts regulator operation. As a result the operation of the
thermal shutdown circuit causes the regulator repeatedly to turn off and on until the causes of overheating are
removed. As a consequence a pulse shaped output voltage occurs.
Output Voltage Setting Method (R1511x001C)
R1511x001C can be adjusted the output voltage up to 12.0V by using the external divider resistors. The output
voltage can be calculated by the following equation.
VOUT=VFB
×(R2+R3)/R3
However, output voltage will be as large as “R2
×IFB” by the current flowing through the resistor in the IC.
Because IFB = VFB/RFB, “R2
×IFB” cause of error is as follows.
R2
×IFB=R2×VFB/RFB=VFB×R2/RFB
For better accuracy, choosing R2<<RFB reduces this error. RFB of R1511x is approximately min 1.0MΩ
(guaranteed by design).


Similar Part No. - R1511S050B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1511S050B NISSHINBO-R1511S050B Datasheet
1Mb / 26P
   300mA 36V Input Regulator
R1511S050B NISSHINBO-R1511S050B Datasheet
1Mb / 26P
   300 mA 36 V Input Regulator for High Temperature Applications
More results

Similar Description - R1511S050B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
2020
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
   3.5V to 30V Input Voltage Range
2012
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com