Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1735-30XX Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1735-30XX
Description  500mA Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-30XX Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1735-30XX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 7Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 8Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 9Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 10Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 11Page - Analog Intergrations Corporation AIC1735-30XX Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AIC1735
10
TO-252
MILLIMETERS
TO-252-3L
MAX.
2.38
A
S
Y
M
B
O
L
MIN.
2.19
0.13
5.46
0.61
0.89
6.22
6.73
0.89
2.67 REF
0.51 BSC
10.41
1.78
2.03
1.02
2.28 BSC
A1
b
b3
c2
E
D
c
H
L
L1
L2
L4
L3
e
0.00
4.95
0.46
0.46
5.33
6.35
9.40
1.40
0.89
--
0.64
θ
c2
SEE VIEW B
A
b3
A
A
e
E
BASE METAL
WITH PLATING
SEATING PLANE
b
SECTION A-A
VIEW B
L
L1
GAUGE PLANE
Note:
1.Refer to JEDEC TO-252AA and AB.
2.Dimension D and E do not include mold flash, protrusions or
gate burrs. Mold flash, protrusion or gate burrs shall not exceed
6 mil per side.
3.Controlling dimension is millimeter, converted inch dimensions
are not necessarily exact.


Similar Part No. - AIC1735-30XX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-30ETB AIC-AIC1735-30ETB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-30ETR AIC-AIC1735-30ETR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-30YTB AIC-AIC1735-30YTB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-30YTR AIC-AIC1735-30YTR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-30XX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com