Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1513S50B-E2-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1513S50B-E2-FE
Description  Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1513S50B-E2-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1513S50B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1513S50B-E2-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
R1513S
NO.JA-321-160715
9
PIN EQUIVALENT CIRCUIT DIAGRAMS
VOUT
Driver
CE
VOUT Pin Equivalent Circuit Diagrams
CE Pin Equivalent Circuit Diagrams
VFB
VFB Pin Equivalent Circuit Diagrams


Similar Part No. - R1513S50B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1513S501B NISSHINBO-R1513S501B Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S501B NISSHINBO-R1513S501B Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S501D NISSHINBO-R1513S501D Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S501D NISSHINBO-R1513S501D Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S501D NISSHINBO-R1513S501D Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
More results

Similar Description - R1513S50B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM63615-Q1 TI1-LM63615-Q1 Datasheet
208Kb / 6P
[Old version datasheet]   3.5-V to 36-V, 2.5-A Step-down voltage converter with spread spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com