Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1511S040C-E2-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1511S040C-E2-FE
Description  Input Voltage Range 3.5V to 36V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1511S040C-E2-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1511S040C-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 13Page - RICOH electronics devices division R1511S040C-E2-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
R1511x
10
TEST CIRCUITS.
R1511xxxxB
Series
VDD
CE
VOUT
GND
CIN
COUT
IOUT
CIN=Ceramic1.0μF, COUT=Ceramic6.8μF
R1511xxxxB
Series
VDD
CE
VOUT
GND
CIN
COUT
A
CIN=Ceramic1.0μF, COUT=Ceramic6.8μF
R1511xxxxB Basic Test Circuit
R1511xxxxB Test Circuit for Supply Current
R1511xxxxB
Series
VDD
CE
VOUT
GND
COUT
IOUT
COUT=Ceramic6.8μF
P.G.
R1511xxxxB
Series
VDD
CE
VOUT
GND
CIN
COUT
IOUT
CIN=Ceramic1.0μF, COUT=Ceramic6.8μF
P.G.
R1511xxxxB Test Circuit for Ripple Rejection
R1511xxxxB Test Circuit for CE Start-up
and Regulator Input Transient Response
R1511xxxxB
Series
VDD
CE
VOUT
GND
CIN
COUT
I1
CIN=Ceramic1.0μF, COUT=Ceramic6.8μF
I2
R1511x001C
Series
VDD
VFB
VOUT
GND
CIN
COUT
IOUT
CIN=Ceramic1.0μF, COUT=Ceramic6.8μF
R1511xxxxB Test Circuit for Load Transient Response
R1511x001C Basic Test Circuit
R1511x001C
Series
VDD
VFB
VOUT
GND
CIN
COUT
CIN=Ceramic1.0μF, COUT=Ceramic6.8μF
A
R1511x001C
Series
VDD
VFB
VOUT
GND
R3=10kΩ
R2=30kΩ
R1511x001C Test Circuit for Supply Current
R1511x001C Case of output voltage adjustment
by external resistors


Similar Part No. - R1511S040C-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1511S040B NISSHINBO-R1511S040B Datasheet
1Mb / 26P
   300mA 36V Input Regulator
More results

Similar Description - R1511S040C-E2-FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
2020
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
   3.5V to 30V Input Voltage Range
2012
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com