Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12R887 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS12R887
Description  RTC with Constant-Voltage Trickle Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS12R887 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS12R887 Datasheet HTML 5Page - Dallas Semiconductor DS12R887 Datasheet HTML 6Page - Dallas Semiconductor DS12R887 Datasheet HTML 7Page - Dallas Semiconductor DS12R887 Datasheet HTML 8Page - Dallas Semiconductor DS12R887 Datasheet HTML 9Page - Dallas Semiconductor DS12R887 Datasheet HTML 10Page - Dallas Semiconductor DS12R887 Datasheet HTML 11Page - Dallas Semiconductor DS12R887 Datasheet HTML 12Page - Dallas Semiconductor DS12R887 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
RTC with Constant-Voltage Trickle Charger
_____________________________________________________________________
9
POWER
CONTROL
AND
TRICKLE
CHARGER
VBACKUP
OSC
BUS
INTERFACE
VCC
X1
X2
DS12R887/
DS12CR887
ONLY
DS12R887/
DS12CR887
ONLY
RESET
CS
DS
AS
R/W
MOT
AD0–AD7
DIVIDE
BY 8
DIVIDE
BY 64
DIVIDE
BY 64
16:1 MUX
SQUARE-
WAVE
GENERATOR
REGISTERS A, B, C, D
CLOCK/CALENDAR AND
ALARM REGISTERS
USER RAM
114 BYTES
CLOCK/CALENDAR
UPDATE LOGIC
IRQ
SQW
IRQ
GENERATOR
BUFFERED CLOCK/
CALENDAR AND ALARM
REGISTERS
GND
RLCR
DS12R885
Functional Diagram
Pin Description
PIN
SO
EDIP
BGA
NAME
FUNCTION
11
C5
MOT
Motorola or Intel Bus Timing Selector. This pin selects one of two bus types. When
connected to VCC, Motorola bus timing is selected. When connected to GND or left
disconnected, Intel bus timing is selected. The pin has an internal pulldown resistor.
2—
X1
3—
X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator circuitry is
designed for operation with a crystal having a 12.5pF specified load capacitance (CL). Pin
X1 is the input to the oscillator and can optionally be connected to an external 32.768kHz
oscillator. The output of the internal oscillator, pin X2, is floated if an external oscillator is
connected to pin X1.
4–11
4–11
F4, D4,
F3, D3,
F2, D2,
F1, D1
AD0–
AD7
Multiplexed, Bidirectional Address/Data Bus. The addresses are presented during the first
portion of the bus cycle and latched into the DS12R885 by the falling edge of AS. Write
data is latched by the falling edge of DS (Motorola timing) or the rising edge of R/
W (Intel
timing). In a read cycle, the DS12R885 outputs data during the latter portion of DS (DS and
R/
W high for Motorola timing, DS low and R/W high for Intel timing). The read cycle is
terminated and the bus returns to a high-impedance state as DS transitions low in the case
of Motorola timing or as DS transitions high in the case of Intel timing.


Similar Part No. - DS12R887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12R887 MAXIM-DS12R887 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS12R887 MAXIM-DS12R887 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12R887 MAXIM-DS12R887 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS12R887-33 MAXIM-DS12R887-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS12R887-33 MAXIM-DS12R887-33 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
More results

Similar Description - DS12R887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com