Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733-25PV Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1733-25PV
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-25PV Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1733-25PV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 11Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 12Page - Analog Intergrations Corporation AIC1733-25PV Datasheet HTML 13Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AIC1733
9
BLOCK DIAGRAM
Current
Limiting
Error
Amp.
-
+
Thermal
Limiting
VOUT
Power
Shutdown
BP
VIN
VREF
1.23V
GND
SHDN
PIN DESCRIPTIONS
PIN 1 : VIN
-
Power supply input pin. Bypass
with a 1
µF capacitor to GND
PIN 2 : GND -
Ground pin.
PIN 3 : SHDN - Active-Low shutdown input pin.
PIN 4 : BP
- Noise bypass pin. An external
bypass capacitor connected to
BP pin reduces noises at the
output.
PIN 5 : VOUT - Output pin. Sources up to 500
mA.
DETAILED DESCRIPTIONS OF TECHNICAL TERMS
DROPOUT VOLTAGE (VDROP)
The dropout voltage is defined as the difference
between the input voltage and output voltage at
which the output voltage drops 100mV. Below
this value, the output voltage will fall as the input
voltage reduces. It depends on the load current
and junction temperature.
LINE REGULATION
Line regulation is the ability of the regulator to
maintain a constant output voltage as the input
voltage changes. The line regulation is specified
as the input voltage changes from VIN = VOUT +
1V to VIN = 7V and IOUT = 1mA.
LOAD REGULATION
Load regulation is the ability of the regulator to
maintain a constant output voltage as the load
current changes. A pulsed measurement with an
input voltage set to VIN = VOUT + VDROP can
minimize temperature effects. The load regulation
is specified by the output current ranging from
0.1mA to 500mA.


Similar Part No. - AIC1733-25PV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-25PVBG AIC-AIC1733-25PVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-25PVTR AIC-AIC1733-25PVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-25PV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com