Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC939A Datasheet(PDF) 3 Page - Analog Devices

Part # HMC939A
Description  Space Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC939A Datasheet(HTML) 3 Page - Analog Devices

  HMC939A Datasheet HTML 1Page - Analog Devices HMC939A Datasheet HTML 2Page - Analog Devices HMC939A Datasheet HTML 3Page - Analog Devices HMC939A Datasheet HTML 4Page - Analog Devices HMC939A Datasheet HTML 5Page - Analog Devices HMC939A Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC939A
v01.0916
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 40 GHz
20
30
40
50
60
0
0.1
1
10
100
I.L
1 dB
2 dB
4 dB
8dB
16 dB
31 dB
FREQUENCY (GHz)
Relative Phase vs. Frequency
(Only Major States are Shown)
Step Attenuation vs. Attenuation State
Input IP3 vs. Temperature
(Minimum Attenuation State)
Input IP3 Over Major Attenuation States
Input Power for 0.1 dB Compression
-20
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
45
50
I.L
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
FREQUENCY (GHz)
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
0
4
8
12
16
20
24
28
32
1 GHz
10 GHz
20 GHz
30 GHz
40 GHz
ATTENUATION STATE (dB)
20
30
40
50
60
0
0.1
1
10
100
-55C
25C
+85C
FREQUENCY (GHz)
8
12
16
20
24
28
32
0.01
0.1
1
10
100
-55C
25C
85C
FREQUENCY (GHz)


Similar Part No. - HMC939A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC939ALP4 AD-HMC939ALP4 Datasheet
2Mb / 4P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
HMC939ALP4E AD-HMC939ALP4E Datasheet
2Mb / 4P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
More results

Similar Description - HMC939A

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC425 MICROSS-HMC425 Datasheet
890Kb / 9P
   Space Applications
HMC424 MICROSS-HMC424 Datasheet
887Kb / 9P
   Space Applications
logo
Vectron International, ...
5116 VECTRON-5116 Datasheet
172Kb / 3P
   Mil/Space Applications
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
   Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
   Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-P106 AVAGO-HLMP-P106 Datasheet
227Kb / 7P
   Ideal for space limited applications
logo
Kemet Corporation
T583 KEMET-T583 Datasheet
1Mb / 14P
   T583 Polymer Electrolytic for Space Applications
5/31/2017
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
Shanghai Leiditech Elec...
P800SC LEIDITECH-P800SC Datasheet
354Kb / 4P
   For surface mounted applications to optimize board space
logo
Texas Instruments
TPD8E003 TI1-TPD8E003 Datasheet
834Kb / 15P
[Old version datasheet]   8-CHANNEL ESD ARRAY FOR PORTABLE SPACE-SAVING APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com