Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733-30PV Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1733-30PV
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-30PV Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1733-30PV Datasheet HTML 1Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 2Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-30PV Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AIC1733
2
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
X5: SOT-89-5
V: SOT-23-5
E5: TO-252-5
P: LEAD FREE COMMERCIAL
G: GREEN PACKAGE
(TO-252-5 is NOT available in
GREEN PACKAGE)
OUTPUT VOLTAGE
13: 1.3V
15: 1.5V
18: 1.8V
25: 2.5V
AIC1733-XXXXXX
PIN CONFIGURATION
SOT-23-5
TOP VIEW
1: VIN
2: GND
3: SHDN
4: BP
5: VOUT
3
2
1
4
5
(Of a unit of 0.1V within the voltage range from 1.3V to
3.3V, additional voltage versions for this product line may
be available on demand with prior consultation with AIC.)
Example: AIC1733-18PX5TR
1.8V Version, in SOT-89-5 Lead Free
Package & Tape & Reel Packing Type
AIC1733-18PVTR
1.8V Version, in SOT-23-5 Lead Free
Package & Tape & Reel Packing Type
2
1
3
5
4
SOT-89-5
TOP VIEW
1: VIN
2: GND
3: SHDN
4: BP
5: VOUT
1 2 3 4 5
TO-252-5
TOP VIEW
1: SHDN
2: VIN
3: GND
4: VOUT
5: N/C
28: 2.8V
30: 3.0V
33: 3.3V
SOT-89-5 Marking
Part No.
Marking
Part No.
Marking
Part No.
Marking
AIC1733-13CX5
EI13
AIC1733-13PX5
EI13P
AIC1733-13GX5
EI13G
AIC1733-15CX5
EI15
AIC1733-15PX5
EI15P
AIC1733-15GX5
EI15G
AIC1733-18CX5
EI18
AIC1733-18PX5
EI18P
AIC1733-18GX5
EI18G
AIC1733-25CX5
EI25
AIC1733-25PX5
EI25P
AIC1733-25GX5
EI25G
AIC1733-28CX5
EI28
AIC1733-28PX5
EI28P
AIC1733-28GX5
EI28G
AIC1733-30CX5
EI30
AIC1733-30PX5
EI30P
AIC1733-30GX5
EI30G
AIC1733-33CX5
EI33
AIC1733-33PX5
EI33P
AIC1733-33GX5
EI33G
SOT-23-5 Marking
Part No.
Marking
Part No.
Marking
Part No.
Marking
AIC1733-13CV
EE13
AIC1733-13PV
EE13P
AIC1733-13GV
EE13G
AIC1733-15CV
EE15
AIC1733-15PV
EE15P
AIC1733-15GV
EE15G
AIC1733-18CV
EE18
AIC1733-18PV
EE18P
AIC1733-18GV
EE18G
AIC1733-25CV
EE25
AIC1733-25PV
EE25P
AIC1733-25GV
EE25G
AIC1733-28CV
EE28
AIC1733-28PV
EE28P
AIC1733-28GV
EE28G
AIC1733-30CV
EE30
AIC1733-30PV
EE30P
AIC1733-30GV
EE30G
AIC1733-33CV
EE33
AIC1733-33PV
EE33P
AIC1733-33GV
EE33G


Similar Part No. - AIC1733-30PV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-30PVBG AIC-AIC1733-30PVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-30PVTR AIC-AIC1733-30PVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-30PV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com