Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1510S009B-T1-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1510S009B-T1-FE
Description  Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1510S009B-T1-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1510S009B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 12Page - RICOH electronics devices division R1510S009B-T1-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
R1510S
NO.EA-185-140724
9
R1510SxxxC Series
VIN=14.0V, COUT=6.8
μF, CD=0.01μF, Rpull-up=100kΩ, Vpull-up=5.0V, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at -40°C ≤ Ta ≤ 105°C.
For all
(Ta=25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
3.5
36
V
ISS1
Supply Current
(Low-power Consumption Mode)
IOUT=0A
12.5
27
μA
ISS2
Supply Current (High Speed Mode) IOUT=20mA
110
174
μA
TTSD
Thermal Shutdown Temperature
Junction Temperature
140
°C
TTSR
Thermal Shutdown Released
Temperature
Junction Temperature
125
°C
VR
(Ta=25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
IOUT=1mA
Setting Voltage:
2.5V to 12.0V
Ta=25°C
×0.984
×1.016
V
-40°C ≤ Ta ≤ 105°C
×0.964
×1.045
IOUT1
Output Current
VIN=VOUT+3.2V (VOUT < 5.0V)
VIN=VOUT+2.0V (VOUT ≥ 5.0V)
300
mA
ΔVOUT/
ΔIOUT
Load Regulation
VIN=VOUT+3.2V (VOUT < 5.0V)
VIN=VOUT+2.0V (VOUT ≥ 5.0V)
mV
0.1mA ≤ IOUT ≤ 7mA
(Low-power
Consumption Mode)
VOUT ≤ 5.0V
7
13
VOUT > 5.0V
10
20
0.1mA ≤ IOUT ≤ 20mA
VOUT ≤ 5.0V
10
45
VOUT > 5.0V
20
75
0.1mA ≤ IOUT ≤ 300mA
VOUT ≤ 5.0V
40
100
VOUT > 5.0V
60
170
VDIF
Dropout Voltage
IOUT=7mA
(Low-power
Consumption Mode)
VOUT < 5.0V
0.5
1.8
V
VOUT ≥ 5.0V
0.3
0.95
IOUT=300mA
VOUT < 5.0V
1.5
3.2
VOUT ≥ 5.0V
1.0
2.0
IOUTH
High Speed Mode
Switching Current
IOUT=Light Load to Heavy Load
8.5
12
16.3
mA
IOUTL
Low-power Consumption
Mode Switching Current
IOUT=Heavy Load to Light Load
1
3
5
mA
ΔVOUT/
ΔVIN
Line Regulation
3.5V ≤ VIN ≤ 36V (2.5V ≤ VOUT ≤ 3.5V)
VOUT+0.5V ≤ VIN ≤ 36V (VOUT > 3.5V)
IOUT=1mA
0.01
0.05
%/V
ΔVOUT/
ΔTa
Output Voltage
Temperature Coefficient
-40°C ≤ Ta ≤ 105°C
±150
ppm
/°C
ISC
Short Current Limit
VOUT=0V
50
mA


Similar Part No. - R1510S009B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1510S009B NISSHINBO-R1510S009B Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
More results

Similar Description - R1510S009B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
List of Unclassifed Man...
9115 ETC2-9115 Datasheet
732Kb / 5P
   Multi-ranging operation (output up to max power rating within maximum voltage and
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
RICOH electronics devic...
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com