Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1049LP5E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1049LP5E
Description  High Linearity Microwave Radios
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1049LP5E Datasheet(HTML) 2 Page - Analog Devices

  HMC1049LP5E Datasheet HTML 1Page - Analog Devices HMC1049LP5E Datasheet HTML 2Page - Analog Devices HMC1049LP5E Datasheet HTML 3Page - Analog Devices HMC1049LP5E Datasheet HTML 4Page - Analog Devices HMC1049LP5E Datasheet HTML 5Page - Analog Devices HMC1049LP5E Datasheet HTML 6Page - Analog Devices HMC1049LP5E Datasheet HTML 7Page - Analog Devices HMC1049LP5E Datasheet HTML 8Page - Analog Devices HMC1049LP5E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC1049LP5E
v01.1213
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 0.3 - 20 GHz
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Noise Figure vs. Temperature
Input Return Loss vs. Temperature
Data taken with Vdd applied to pin 2.
Noise Figure vs. Temperature,
Low Frequency
-25
-20
-15
-10
-5
0
5
10
15
20
0
2
4
6
8
10
12
14
16
18
20
22
24
S21
S11
S22
FREQUENCY (GHz)
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
22
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC1049LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1049LP5E AD-HMC1049LP5E Datasheet
332Kb / 14P
   Low Noise Amplifier
HMC1049LP5ETR AD-HMC1049LP5ETR Datasheet
332Kb / 14P
   Low Noise Amplifier
HMC1049LP5E AD-HMC1049LP5E_18 Datasheet
332Kb / 14P
   Low Noise Amplifier
More results

Similar Description - HMC1049LP5E

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
   Microwave Radios
logo
Micross Components
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
   Microwave & VSAT Radios
HMC142 MICROSS-HMC142 Datasheet
902Kb / 9P
   Microwave & MM W Radios
logo
Analog Devices
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
   Local Oscillator for Microwave Radios
logo
Micross Components
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
   Point to point microwave radios
logo
Micross Components
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
   Microwave Point-to-Point Radios
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com