Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733-28GV Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1733-28GV
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-28GV Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1733-28GV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1733-28GV Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AIC1733
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 12 Shutdown Exit Time
IOUT=30mA
CBP=0.1µF,COUT=1µF
VSHDN
VOUT
Fig. 13 Shutdown Exit Time
IOUT=30mA
CBP=0.1µF
COUT=4.7µF
VSHDN
VOUT
Fig. 14 Shutdown Exit Time
IOUT=30mA
CBP=0.1µF,COUT=10µF
VSHDN
VOUT
Fig. 15 Line Transient Response
VOUT=3.3V
CIN=1µF, COUT=1µF
CBP=0.1µF
Iout=50mA
Vin=VOUT+1V
Vin=VOUT+2V
Fig. 16 Line Transient Response
VOUT=3.3V
CIN=1µF, COUT=4.7µF
CBP=0.1µF
Iout=50mA
Vin=VOUT+1V
Vin=VOUT+2V
Fig. 17 Line Transient Response
VOUT=1.5V
CIN=1µF, COUT=1µF
CBP=0.1µF
Iout=50mA
Vin=VOUT+1V
Vin=VOUT+2V


Similar Part No. - AIC1733-28GV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-28CVBG AIC-AIC1733-28CVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-28CVTR AIC-AIC1733-28CVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-28PVBG AIC-AIC1733-28PVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-28PVTR AIC-AIC1733-28PVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-28GV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com