Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1099 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1099
Description  Test and measurement equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1099 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1099 Datasheet HTML 5Page - Analog Devices HMC1099 Datasheet HTML 6Page - Analog Devices HMC1099 Datasheet HTML 7Page - Analog Devices HMC1099 Datasheet HTML 8Page - Analog Devices HMC1099 Datasheet HTML 9Page - Analog Devices HMC1099 Datasheet HTML 10Page - Analog Devices HMC1099 Datasheet HTML 11Page - Analog Devices HMC1099 Datasheet HTML 12Page - Analog Devices HMC1099 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HMC1099
Data Sheet
Rev. A | Page 8 of 16
44
36
38
41
43
40
37
39
42
0
0.2
0.4
0.7
0.6
0.9
0.1
0.3
0.5
0.8
1.0
1.1
FREQUENCY (GHz)
P4dB
PIN = 27dBm
PSAT
Figure 11. Power Output (POUT ) vs. Frequency
45
40
35
30
25
0
0.2
0.4
0.7
0.6
0.9
0.1
0.3
0.5
0.8
1.0
1.1
FREQUENCY (GHz)
24V
28V
Figure 12. Output Power for 4 dB Compression (P4dB) vs. Frequency at
Various Supply Voltages
45
40
35
30
25
0
0.2
0.4
0.7
0.6
0.9
0.1
0.3
0.5
0.8
1.0
1.1
FREQUENCY (GHz)
24V
28V
Figure 13. Saturated Output Power (PSAT) vs. Frequency at
Various Supply Voltages
45
40
35
30
25
+85°C
+25°C
–40°C
0
0.2
0.4
0.7
0.6
0.9
0.1
0.3
0.5
0.8
1.0
1.1
FREQUENCY (GHz)
Figure 14. Output Power for 4 dB Compression (P4dB) vs. Frequency at
Various Temperatures
45
40
35
30
25
0
0.2
0.4
0.7
0.6
0.9
0.1
0.3
0.5
0.8
1.0
1.1
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 15. Saturated Output Power (PSAT) vs. Frequency at
Various Temperatures
45
40
35
30
25
0
0.2
0.4
0.7
0.6
0.9
0.1
0.3
0.5
0.8
1.0
1.1
FREQUENCY (GHz)
150mA
100mA
50mA
Figure 16. Output Power for 4 dB Compression (P4dB) vs. Frequency at
Various Supply Currents


Similar Part No. - HMC1099

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1099PM5E AD-HMC1099PM5E Datasheet
325Kb / 18P
   GaN Power Amplifier
HMC1099PM5ETR AD-HMC1099PM5ETR Datasheet
325Kb / 18P
   GaN Power Amplifier
More results

Similar Description - HMC1099

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
logo
Micross Components
HMC517 MICROSS-HMC517 Datasheet
892Kb / 9P
   Test Equipment and Sensors
HMC518 MICROSS-HMC518 Datasheet
902Kb / 9P
   Test Equipment and Sensors
logo
Analog Devices
HMC792ALP4E AD-HMC792ALP4E Datasheet
601Kb / 10P
   Test Equipment and Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com