Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1511J090C-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1511J090C-T1-FE
Description  Input Voltage Range 3.5V to 36V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1511J090C-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1511J090C-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1511J090C-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
R1511x Series
300mA 36V Input Regulator
NO.EA-300-130530
1
OUTLINE
The R1511x Series are CMOS-based high-voltage resistant and fast response voltage regulators that provide
the minimum 300mA of output current. Internally, R1511x consists of an Output Short-circuit Protection Circuit,
an Over-current Protection Circuit, and a Thermal Shutdown Circuit in addition to the basic regulator circuits. The
operating temperature range is between –40ºC to +105ºC, and the maximum input voltage is 36V. All these
features allow the R1511x Series to become an ideal power source of electric home appliances.
R1511x is available in B version (R1511xxxxB) with the fixed output voltage type, and C version (R1511x001C)
with adjustable output voltage type with external resistors. The output voltage accuracy is ±1.0%.
R1511x is available in two types of packages: HSOP-6J for high-density mounting and TO-252-5-P2 for high
wattage.
FEATURES
Input Voltage Range ·················································3.5V to 36V
Supply Current··························································Typ. 100µA
Supply Current (Standby Mode) ·······························Typ. 0.1µA (R1511xxxxB)
Output Voltage Range ··············································R1511xxxxB: 3.0V to 9.0V (0.1V step)
(For other voltages, please refer to MARK INFORMATIONS.)
R1511xxxxC: 3.0V to 12.0V
Output Voltage Accuracy ··········································R1511xxxxB:
±1.0% (Ta=25°C)
Feed Back Voltage ···················································R1511xxxxC: 3.0V
±1.0% (Ta=25°C)
Output Voltage Temperature-Drift Coefficient···········Typ.
±60ppm/°C
Line Regulation·························································Typ. 0.01%/V (VDD=VOUT+0.5V to 36V)
Dropout Voltage························································Typ. 0.64V (IOUT=300mA, VOUT=5.0V)
Package Option ························································HSOP-6J, TO-252-5-P2
Built-in Output Short-circuit Protection Circuit··········Typ. 50mA
Built-in Over-current Protection Circuit·····················Typ. 450mA
Built-in Thermal Shutdown Circuit ····························Thermal Shutdown Temperature: Typ. 160°C
Operating Temperature Range·································-40 to +105
°C
Ripple Rejection ·······················································Typ. 65dB (1kHz)
Ceramic capacitors are recommended to be used with this IC
····················CIN=1.0μF or more, COUT=6.8μF or more
APPLICATIONS
For home electrical appliances: refrigerators, rice cookers, electrical pots, etc.
For digital equipments: laptop PCs, digital TVs, telephone equipments, home LAN systems, etc.
For OA equipments: copy machines, printers, fax machines, scanners, projectors, etc.


Similar Part No. - R1511J090C-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1511J090B NISSHINBO-R1511J090B Datasheet
1Mb / 26P
   300mA 36V Input Regulator
R1511J090B NISSHINBO-R1511J090B Datasheet
1Mb / 26P
   300 mA 36 V Input Regulator for High Temperature Applications
More results

Similar Description - R1511J090C-T1-FE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
2020
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
   3.5V to 30V Input Voltage Range
2012
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com