Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1114LP5DETR Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1114LP5DETR
Description  High output IP3: 44 dBm typical
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1114LP5DETR Datasheet(HTML) 2 Page - Analog Devices

  HMC1114LP5DETR Datasheet HTML 1Page - Analog Devices HMC1114LP5DETR Datasheet HTML 2Page - Analog Devices HMC1114LP5DETR Datasheet HTML 3Page - Analog Devices HMC1114LP5DETR Datasheet HTML 4Page - Analog Devices HMC1114LP5DETR Datasheet HTML 5Page - Analog Devices HMC1114LP5DETR Datasheet HTML 6Page - Analog Devices HMC1114LP5DETR Datasheet HTML 7Page - Analog Devices HMC1114LP5DETR Datasheet HTML 8Page - Analog Devices HMC1114LP5DETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HMC1114* Product Page Quick Links
Last Content Update: 11/01/2016
Comparable Parts
View a parametric search of comparable parts
Evaluation Kits
• HMC1114 Evaluation Board
Documentation
Data Sheet
• HMC1114: 10 Watt, GaN Power Amplifier, 2.7 GHz to 3.8
GHz Data Sheet
Design Resources
• HMC1114 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
Discussions
View all HMC1114 EngineerZone Discussions
Sample and Buy
Visit the product page to see pricing options
Technical Support
Submit a technical question or find your regional support
number
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet. Note: Dynamic changes to
the content on this page does not constitute a change to the revision number of the product data sheet. This content may be
frequently modified.


Similar Part No. - HMC1114LP5DETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
   GaN Power Amplifier
HMC1114PM5ETR AD-HMC1114PM5ETR Datasheet
668Kb / 17P
   GaN Power Amplifier
More results

Similar Description - HMC1114LP5DETR

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCF240T BEREX-BCF240T Datasheet
404Kb / 6P
   30.4 dBm Typical Output Power
logo
Pasternack Enterprises,...
PE15A5035F PASTERNACK-PE15A5035F Datasheet
454Kb / 4P
   IP3 50 dBm typ
PE15A5028 PASTERNACK-PE15A5028 Datasheet
659Kb / 6P
   IP3 48 dBm typ
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
   IP3 34 dBm typ
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
   44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
   44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
   High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com