Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC7229SX Datasheet(PDF) 9 Page - Analog Devices

Part # HMC7229SX
Description  Point to point radios
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7229SX Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC7229SX Datasheet HTML 5Page - Analog Devices HMC7229SX Datasheet HTML 6Page - Analog Devices HMC7229SX Datasheet HTML 7Page - Analog Devices HMC7229SX Datasheet HTML 8Page - Analog Devices HMC7229SX Datasheet HTML 9Page - Analog Devices HMC7229SX Datasheet HTML 10Page - Analog Devices HMC7229SX Datasheet HTML 11Page - Analog Devices HMC7229SX Datasheet HTML 12Page - Analog Devices HMC7229SX Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
HMC7229CHIPS
Rev. 0 | Page 9 of 16
33
34
35
36
37
38
39
40
FREQUENCY (GHz)
24
26
28
30
32
34
+25°C
+85°C
–55°C
Figure 16. PSAT vs. Frequency at Various Temperatures
33
34
35
36
37
38
39
40
FREQUENCY (GHz)
24
26
28
30
32
34
1000mA
1200mA
800mA
Figure 17. P1dB vs. Frequency at Various Supply Currents
1045
1100
1155
1210
1265
1320
1375
1430
0
5
10
15
20
25
30
35
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 18. Power Compression at 34 GHz
(IDD is Drain Current With RF Power Applied)
33
34
35
36
37
38
39
40
FREQUENCY (GHz)
24
26
28
30
32
34
5.0V
5.5V
6.0V
Figure 19. PSAT vs. Frequency at Various Supply Voltages
33
34
35
36
37
38
39
40
FREQUENCY (GHz)
24
26
28
30
32
34
1000mA
1200mA
800mA
Figure 20. PSAT vs. Frequency at Various Supply Currents
1145
1200
1255
1310
1365
1420
1475
1530
0
5
10
15
20
25
30
35
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 21. Power Compression at 39 GHz


Similar Part No. - HMC7229SX

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC7229LS6 HITTITE-HMC7229LS6 Datasheet
552Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz
logo
Analog Devices
HMC7229LS6 AD-HMC7229LS6 Datasheet
472Kb / 16P
   Point to point radios
HMC7229LS6TR AD-HMC7229LS6TR Datasheet
472Kb / 16P
   Point to point radios
More results

Similar Description - HMC7229SX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
   Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
   Point-to-Point Radios
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
   Point-to-Point Radios
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
   Point-to-Point Radios
HMC633LC4 AD-HMC633LC4 Datasheet
425Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
   Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
   Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com