Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH444 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC-ALH444
Description  Surveillance Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-ALH444 Datasheet(HTML) 2 Page - Analog Devices

  HMC-ALH444 Datasheet HTML 1Page - Analog Devices HMC-ALH444 Datasheet HTML 2Page - Analog Devices HMC-ALH444 Datasheet HTML 3Page - Analog Devices HMC-ALH444 Datasheet HTML 4Page - Analog Devices HMC-ALH444 Datasheet HTML 5Page - Analog Devices HMC-ALH444 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
1 - 187
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC-ALH444
v03.0410
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 1 - 12 GHz
Noise Figure vs. Frequency
Output Return Loss vs. Frequency
Linear Gain vs. Frequency
Input Return Loss vs. Frequency
0
2
4
6
8
10
12
14
16
18
20
0
2468
10
12
14
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
2468
10
12
14
FREQUENCY (GHz)
0
0.5
1
1.5
2
2.5
0
2468
10
12
14
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2468
10
12
14
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC-ALH444

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
129Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
197Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
logo
Analog Devices
HMC-ALH444 AD-HMC-ALH444 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC-ALH444 HITTITE-HMC-ALH444_10 Datasheet
197Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
More results

Similar Description - HMC-ALH444

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128GUSD350V TRANSCEND-TS128GUSD350V Datasheet
619Kb / 3P
   Ideal for dashcams, security cameras, and surveillance systems
logo
Synaptics Incorporated.
CX25838 CONEXANT-CX25838 Datasheet
202Kb / 2P
   8-Channel Audio/Video Decoder for Surveillance Systems
logo
Mitsubishi Electric Sem...
M64285K MITSUBISHI-M64285K Datasheet
321Kb / 26P
   CMOS Image Sensor(Image inputting systems for gaming devices, interface systems, security, surveillance,)
logo
OmniVision Technologies...
OV5658 OMNIVISION-OV5658 Datasheet
1Mb / 2P
   Security and Surveillance
OV6930 OMNIVISION-OV6930 Datasheet
5Mb / 2P
   Security and Surveillance
logo
ADL Embedded Solutions
ADLQM87PC ADL-ADLQM87PC_18 Datasheet
213Kb / 2P
   Surveillance and reconnaissance
logo
Intersil Corporation
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
TW2816-TA1-GR INTERSIL-TW2816-TA1-GR Datasheet
616Kb / 2P
   Secyrity Surveillance IC Solutions
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
logo
Intersil Corporation
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com