Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1631U Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1631U
Description  High-Precision Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631U Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1631U Datasheet HTML 1Page - Dallas Semiconductor DS1631U Datasheet HTML 2Page - Dallas Semiconductor DS1631U Datasheet HTML 3Page - Dallas Semiconductor DS1631U Datasheet HTML 4Page - Dallas Semiconductor DS1631U Datasheet HTML 5Page - Dallas Semiconductor DS1631U Datasheet HTML 6Page - Dallas Semiconductor DS1631U Datasheet HTML 7Page - Dallas Semiconductor DS1631U Datasheet HTML 8Page - Dallas Semiconductor DS1631U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1631/DS1631A/DS1731
3 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-55°C to +125°C
Solder Dip Temperature (10s)
See IPC/JEDEC J-STD-020A Specification
Reflow Oven Temperature
+220°C
* These are stress ratings only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNITS NOTES
Supply Voltage
VDD
2.7
5.5
V
1
0°C to +70°C,
3.0V
£ VDD £ 5.5V
±0.5
0°C to +70°C,
2.7V
£ VDD < 3.0V
±1
DS1631, DS1631A
Thermometer Error
TERR
-55°C to +125°C
±2
°C
2
-10°C to +85°C,
3.0V
£ VDD £ 5.5V
±1
-10°C to +85°C,
2.7V
£ VDD < 3.0V
±1.5
DS1731
Thermometer Error
TERR
-55°C to +125°C
±2
°C
2
Low-Level Input
Voltage
VIL
-0.5
0.3 x VDD
V
High-Level Input
Voltage
VIH
0.7 x
VDD
VDD + 0.3
V
VOL1
3mA sink current
0
0.4
SDA Low-Level
Output Voltage
VOL2
6mA sink current
0
0.6
V
Input Current Each
I/O Pin
0.4 < VI/O < 0.9VDD
-10
+10
µA
Temperature
conversion
-55°C to +85°C
1
Temperature
conversion
+85°C to +125°C
1.25
mA
E2 write
400
Active Supply
Current
IDD
Communication only
110
µA
3
Standby Supply
Current
ISTBY
0°C to +70°C
800
nA
4
VOH
1mA source current
2.4
V
1
TOUT Output Logic
Voltage
VOL
4mA sink current
0.4
V
1


Similar Part No. - DS1631U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631U MAXIM-DS1631U Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
DS1631U++ MAXIM-DS1631U+ Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
More results

Similar Description - DS1631U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com