Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E208931_HSC278 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # E208931_HSC278
Description  Silicon Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

E208931_HSC278 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  E208931_HSC278 Datasheet HTML 1Page - Hitachi Semiconductor E208931_HSC278 Datasheet HTML 2Page - Hitachi Semiconductor E208931_HSC278 Datasheet HTML 3Page - Hitachi Semiconductor E208931_HSC278 Datasheet HTML 4Page - Hitachi Semiconductor E208931_HSC278 Datasheet HTML 5Page - Hitachi Semiconductor E208931_HSC278 Datasheet HTML 6Page - Hitachi Semiconductor E208931_HSC278 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HSC278
Rev.2, Dec. 2000, page 3 of 5
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Fig.3 Capacitance Vs. Reverse voltage
1.0
Forward voltage VF (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
0
0.1
10
10
0.1
1.0
15
20
10
0
0.8
0.2
0.4
0.6
10
1
10
8
10
8
10
7
10
6
10
5
10
4
10
7
10
6
10
5
10
4
10
3
10
2
10
1
10
0
1.0
Ta = 25
°C
Ta = 25
°C
Ta = 75
°C
5
f=1MHz
Ta = 75
°C


Similar Part No. - E208931_HSC278

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E208 GILWAY-E208 Datasheet
1Mb / 17P
   Miniature LEDs
logo
C&K Components
E208 CK-COMPONENTS-E208 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E208 CK-COMPONENTS-E208 Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E208 CK-COMPONENTS-E208 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E208 CK-COMPONENTS-E208 Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
More results

Similar Description - E208931_HSC278

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode
logo
Nanjing International G...
1N60P DGNJDZ-1N60P Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
National Semiconductor ...
HPC36164 NSC-HPC36164 Datasheet
348Kb / 5P
   Silicon Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD784WS SEMTECH_ELEC-SD784WS Datasheet
176Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Sanken electric
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
   Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode
SJPA-D3 SANKEN-SJPA-D3 Datasheet
128Kb / 5P
   Silicon Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com