Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

308A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 308A
Description  Test insulation to 2000M廓
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

308A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  308A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B&K Precision Corporation
22820 Savi Ranch Parkway, Yorba Linda, CA 92887
Tel: 714-921-9095, Fax: 714-921-6422
www.bkprecision.com
Specifications subject to change without notice
Data Sheet
Model 308A
Digital Insulation &
Continuity Meter
Digital Insulation &
Continuity Meter
Model 308A
This insulation tester 308A is intended primarily for periodic testing of
industrial motors, transformers, electrical wiring, and cable insulation for
signs of deterioration. Low readings may indicate impending failure
allowing for permit replacement of suspect component during routine
maintenance rather than risking component failure. It is also useful for
safety testing of TV sets and appliances to assure no hazardous leakage
current. The voltage and resistance ratings for insulation testing are
often specified for the product to be tested.
Features
Test insulation to 2000MΩ
Selectable 250V, 500V, or 1000V insulation test
Low ohm resistance test ranges 2KΩ & 20Ω
31/2 Digit LCD
200mA Short circuit test
Extra rugged integral carrying case
Locking switch for extended testing
Live circuit indicator warns of safety hazard
Volt meter to 600Vac
Overload protection
IEC 1010-1 Cat III 600V / CE
Applications
Why Test is Necessary?
• Insulation
Every electrical apparatus and installation needs to be safe for the user and for
the equipment itself.
Electrical conductors of electricity needs to be insulated from each other, so
that they do not create electrical hazard or unnecessary consumption.
Poorly insulated circuits can create leakage current which can be dangerous
and trip your GFCI, RCCB or ELCB.
Each country regulates levels at which the insulation levels are acceptable.
Generally, Insulation resistance measurement should be done between each
conductor and the earth, and between each conductors.
• Continuity
Checking the continuity of wires, complete circuits, connections, closure of
contacts, circuit breakers, fuses, bounding resistance of connections, etc... are
all very important to ensure wire integrity.


Similar Part No. - 308A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
308 VISHAY-308 Datasheet
350Kb / 4P
   2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
logo
Enercon Technologies Eu...
308 ENERCON-308 Datasheet
604Kb / 2P
   Compact, Portable Military Fast Ethernet Switch
logo
Texas Instruments
308-1981-1-ND TI-308-1981-1-ND Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
308-2295-2-ND TI-308-2295-2-ND Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
logo
Crydom Inc.,
308-742 CRYDOM-308-742 Datasheet
213Kb / 4P
   SERIES DMP
More results

Similar Description - 308A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
307A ETC2-307A Datasheet
134Kb / 1P
   Test insulation to 400M廓
logo
Wurth Elektronik GmbH &...
744839010400 WURTH-744839010400 Datasheet
457Kb / 5P
   Insulation Test Voltage
744837002460 WURTH-744837002460 Datasheet
453Kb / 5P
   Insulation Test Voltage
744839208072 WURTH-744839208072 Datasheet
474Kb / 5P
   Insulation Test Voltage
744835090095 WURTH-744835090095 Datasheet
464Kb / 5P
   Insulation Test Voltage
744835150072 WURTH-744835150072 Datasheet
472Kb / 5P
   Insulation Test Voltage
744838180160 WURTH-744838180160 Datasheet
449Kb / 5P
   Insulation Test Voltage
logo
Mini-Circuits
CBL-6FM-75 MINI-CBL-6FM-75 Datasheet
285Kb / 2P
   75廓 Test Cable
CBL-2FM-75 MINI-CBL-2FM-75 Datasheet
283Kb / 2P
   75廓 Test Cable
CBL-3FM-75 MINI-CBL-3FM-75 Datasheet
278Kb / 2P
   75廓 Test Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com