Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56614-42 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA56614-42
Description  CMOS system reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56614-42 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA56614-42 Datasheet HTML 1Page - NXP Semiconductors SA56614-42 Datasheet HTML 2Page - NXP Semiconductors SA56614-42 Datasheet HTML 3Page - NXP Semiconductors SA56614-42 Datasheet HTML 4Page - NXP Semiconductors SA56614-42 Datasheet HTML 5Page - NXP Semiconductors SA56614-42 Datasheet HTML 6Page - NXP Semiconductors SA56614-42 Datasheet HTML 7Page - NXP Semiconductors SA56614-42 Datasheet HTML 8Page - NXP Semiconductors SA56614-42 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product data
SA56614-XX
CMOS system reset
2001 Jun 19
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
RANGE
SA56614-XXGW
SOT23-5, SOT25, SO5
plastic small outline package; 5 leads (see dimensional drawing)
–40 to +85
°C
NOTE:
The device has twelve detection voltage options, indicated by the
XX on the ‘Type number’.
XX
DETECT VOLTAGE (Typical)
20
2.0 V
27
2.7 V
28
2.8 V
29
2.9 V
30
3.0 V
31
3.1 V
42
4.2 V
43
4.3 V
44
4.4 V
45
4.5 V
46
4.6 V
47
4.7 V
Part number marking
Each package is marked with a four letter code. The first three
letters designate the product. The fourth letter, represented by ‘x’, is
a date tracking code. For example, AALB is device AAW (the
SA56614-28 reset) produced in time period ‘B’.
Part number
Marking
SA56614-20
A A U x
SA56614-27
A A V x
SA56614-28
A A W x
SA56614-29
A A X x
SA56614-30
A A Y x
SA56614-31
A A Z x
SA56614-42
A B A x
SA56614-43
A B B x
SA56614-44
A B C x
SA56614-45
A B D x
SA56614-46
A B E x
SA56614-47
A B F x
PIN CONFIGURATION
SL01360
1
2
34
5
N/C
N/C
VSS
VDD
VOUT
SA56614-XX
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
VOUT
Reset HIGH output.
2
VDD
Positive supply.
3
VSS
Ground. Negative supply.
4
N/C
No connection.
5
N/C
No connection.
MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
Power supply voltage
–0.3
12
V
VOUT
Output voltage
VSS – 0.3
V
IOUT
Output current
50
mA
Toper
Operating temperature
–40
85
°C
Tstg
Storage temperature
–40
125
°C
P
Power dissipation
150
mW


Similar Part No. - SA56614-42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56600-42 PHILIPS-SA56600-42 Datasheet
135Kb / 12P
   System reset for lithium battery backup
2001 Jun 19
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-20GW PHILIPS-SA56606-20GW Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-27 PHILIPS-SA56606-27 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
More results

Similar Description - SA56614-42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-XX PHILIPS-SA56606-XX Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com