Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z128Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z128Y
Description  5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z128Y Datasheet HTML 1Page - STMicroelectronics M48Z128Y Datasheet HTML 2Page - STMicroelectronics M48Z128Y Datasheet HTML 3Page - STMicroelectronics M48Z128Y Datasheet HTML 4Page - STMicroelectronics M48Z128Y Datasheet HTML 5Page - STMicroelectronics M48Z128Y Datasheet HTML 6Page - STMicroelectronics M48Z128Y Datasheet HTML 7Page - STMicroelectronics M48Z128Y Datasheet HTML 8Page - STMicroelectronics M48Z128Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
October 2003
Rev. 3.4
M48Z128
M48Z128Y, M48Z128V*
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
* Contact Local Sales Office
FEATURES SUMMARY
s
INTEGRATED, ULTRA LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT, and
BATTERY
s
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
s
10 YEARS OF DATA RETENTION IN THE
ABSENCE OF POWER
s
BATTERY INTERNALLY ISOLATED UNTIL
POWER IS FIRST APPLIED
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGES:
(VPFD = Power-fail Deselect Voltage)
– M48Z128: VCC = 4.75 to 5.5V
4.5V
≤ VPFD ≤ 4.75V
– M48Z128Y: VCC = 4.5 to 5.5V
4.2V
≤ VPFD ≤ 4.5V
– M48Z128V: VCC = 3.0 to 3.6V
2.8V
≤ VPFD ≤ 3.0V
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP WHICH
CONTAINS THE BATTERY
s
SNAPHAT HOUSING (BATTERY) IS
REPLACEABLE
s
PIN and FUNCTION COMPATIBLE WITH
JEDEC STANDARD 128K x 8 SRAMs
s
EQUIVALENT SURFACE-MOUNT (SMT)
SOLUTION REQUIRES A 28-PIN M40Z300/W
and A STAND-ALONE 128K x8 LPSRAM
(SNAPHAT® Top to be ordered separately)
Figure 1. 32-pin PMDIP Module
PMDIP32 (PM)
Module
32
1


Similar Part No. - M48Z128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z128Y STMICROELECTRONICS-M48Z128Y Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z128Y-120CS1 STMICROELECTRONICS-M48Z128Y-120CS1 Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z128Y-120PM1 STMICROELECTRONICS-M48Z128Y-120PM1 Datasheet
106Kb / 17P
   1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z128Y-120PM1 STMICROELECTRONICS-M48Z128Y-120PM1 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z128Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
   5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
logo
Hanbit Electronics Co.,...
HMNR1288D HANBIT-HMNR1288D Datasheet
315Kb / 14P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
DLG Hanbit co.,Ltd.
HMNR1288D DLGHANBIT-HMNR1288D Datasheet
727Kb / 11P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER NVSRAM
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com