Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57000-30UK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA57000-30UK
Description  CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57000-30UK Datasheet(HTML) 5 Page - NXP Semiconductors

  SA57000-30UK Datasheet HTML 1Page - NXP Semiconductors SA57000-30UK Datasheet HTML 2Page - NXP Semiconductors SA57000-30UK Datasheet HTML 3Page - NXP Semiconductors SA57000-30UK Datasheet HTML 4Page - NXP Semiconductors SA57000-30UK Datasheet HTML 5Page - NXP Semiconductors SA57000-30UK Datasheet HTML 6Page - NXP Semiconductors SA57000-30UK Datasheet HTML 7Page - NXP Semiconductors SA57000-30UK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
SA57000-XX
CapFREE
™ 150 mA, low-noise, low dropout regulator
with thermal protection
2001 Aug 27
5
TYPCIAL PERFORMANCE CURVES
Measurements taken with the SA57000-33 (3.3 volt output).
SL01515
Tamb, TEMPERATURE 〈°C)
–40
–20
0
20
40
60
80
100
3.40
3.38
3.36
3.34
3.32
3.30
ILOAD = 50 mA
VIN = VOUT(nom) + 0.5 V
Figure 3. Output voltage versus temperature.
Tamb, TEMPERATURE 〈°C)
–40
–20
0
20
40
60
80
100
100
80
60
40
20
0
VIN = VOUT(nom) + 0.5 V
ILOAD = 50 mA
SL01516
Figure 4. Ground current versus temperature.
SL01517
VIN, INPUT VOLTAGE (V)
1.0
2.0
3.0
4.0
5.0
6.0
0
–100
–300
–400
–500
–600
–200
Figure 5. Ground current versus input voltage (no load).
SL01518
VIN, INPUT VOLTAGE (V)
1.0
2.0
3.0
4.0
5.0
6.0
0
–100
–300
–400
–500
–600
–200
LOAD CURRENT = 50 mA
Figure 6. Ground current versus input voltage with load.


Similar Part No. - SA57000-30UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57003 PHILIPS-SA57003 Datasheet
203Kb / 16P
   Five-output composite voltage regulator
2003 Oct 13
SA57003DH PHILIPS-SA57003DH Datasheet
203Kb / 16P
   Five-output composite voltage regulator
2003 Oct 13
SA57005 PHILIPS-SA57005 Datasheet
148Kb / 12P
   Multiple output low noise, low dropout linear regulator
2002 Jun 20
SA57005DH PHILIPS-SA57005DH Datasheet
148Kb / 12P
   Multiple output low noise, low dropout linear regulator
2002 Jun 20
More results

Similar Description - SA57000-30UK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com