Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR211 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR211
Description  1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR211 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211 Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
FBR211 SERIES
s COIL DATA CHART
MODEL
Nominal
Nominal
Coil
current
Must
Must
Maximum
Nominal
Coil
A type
B type
resistance (at nominal operate
release
allowable
temperature
voltage
(
±10%)
voltage)
voltage
voltage
voltage
power
rise
Flux free
Plastic sealed
Flux free
Plastic sealed
approx.
FBR211SAD001-ss FBR211NAD001-ss FBR211SBD001-ss FBR211NBD001-ss
1.5 VDC
5
300 mA
FBR211SAD003-ss FBR211NAD003-ss FBR211SBD003-ss FBR211NBD003-ss
3 VDC
20
150 mA
FBR211SAD005-ss FBR211NAD005-ss FBR211SBD005-ss FBR211NBD005-ss
5 VDC
56
89 mA
70% max. 10% min.
150% of
Approx.
Approx.
FBR211SAD006-ss FBR211NAD006-ss FBR211SBD006-ss FBR211NBD006-ss
6 VDC
80
75 mA
of nominal of nominal
nominal
450 mW
45 deg
voltage
voltage
voltage
(at nominal (at nominal
FBR211SAD009-ss FBR211NAD009-ss FBR211SBD009-ss FBR211NBD009-ss
9 VDC
180
50 mA
voltage)
voltage)
FBR211SAD012-ss FBR211NAD012-ss FBR211SBD012-ss FBR211NBD012-ss
12 VDC
320
38 mA
FBR211SAD024-ss FBR211NAD024-ss FBR211SBD024-ss FBR211NBD024-ss
24 VDC
1,280
19 mA
Note: All values in the table are measured at 20
°C.
MODEL
Nominal
Nominal
Coil
current
Must
Must
Maximum
Nominal
Coil
C type
E type
resistance (at nominal operate
release
allowable
temperature
voltage
(
±10%)
voltage)
voltage
voltage
voltage
power
rise
Flux free
Plastic sealed
Flux free
Plastic sealed
approx.
FBR211SCD001-ss FBR211NCD001-ss FBR211SED001-ss FBR211NED001-ss
1.5 VDC
12
125 mA
FBR211SCD003-ss FBR211NCD003-ss FBR211SED003-ss FBR211NED003-ss
3 VDC
45
67 mA
FBR211SCD005-ss FBR211NCD005-ss FBR211SED005-ss FBR211NED005-ss
5 VDC
120
42 mA
70% max. 10% min.
225% of
Approx.
Approx.
FBR211SCD006-ss FBR211NCD006-ss FBR211SED006-ss FBR211NED006-ss
6 VDC
180
33 mA
of nominal of nominal
nominal
200 mW
25 deg
voltage
voltage
voltage
(at nominal (at nominal
FBR211SCD009-ss FBR211NCD009-ss FBR211SED009-ss FBR211NED009-ss
9 VDC
400
23 mA
voltage)
voltage)
FBR211SCD012-ss FBR211NCD012-ss FBR211SED012-ss FBR211NED012-ss
12 VDC
700
17 mA
FBR211SCD024-ss FBR211NCD024-ss FBR211SED024-ss FBR211NED024-ss
24 VDC
2,800
9 mA
Note: All values in the table are measured at 20
°C.
2. HIGH SENSITIVITY (C or E type)
s CHARACTERISTIC DATA
1. STANDARD (A or B type)
70
80
90
100
110
120
130
140
150
160
0 10 20 3040 50 6070
–10
Operating voltage range
Must
operate
voltage
Range of operation temperature and voltage
(Standard 0.45 W type)
Operating temperature (˚C)
80
70
80
90
100
110
120
130
140
150
160
0 10 20 3040 50 6070
–10
Operating voltage range
Must
operate
voltage
Operating temperature (˚C)
80
(Data) assumes that
the maximum allow-
able temperature
of E type insula-
tion coil is
115˚C
0
0.2
0.4
0.6
0.8
1
2
3
4
5
Not including bounce time
Coil power (W)
Operate and release time data
(Data) assumes that
the maximum allow-
able temperature
of E type insula-
tion coil is 115˚C
Range of operation temperature and voltage
(high sensitive 0.2 W type)
Release time
Operate
time
0.1
10
20
30
50
120
0.3
0.5
1.0

Œ
Maximum switching capacity
Contact load current (A)
12 V DC
resistive load
28 V DC
resistive load
Life curve
1
0.5
0
1.0
1.5
2.0
5
10
50
100
200
(x10 )
4
Contact load current (A)
120 V AC
resistive load
20
30
40
50
60
70
0.4
0.6
0.8
0.2
Œ

(at 20˚C)
ŒStandard
(0.45 W type)
High sensitive
(0.2 W type)
Coil power (W)
Coil temperature rise data
ŒAC resistive load
(
AC contact rating)
DC resistive load
(
DC contact rating)


Similar Part No. - FBR211

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211 FUJITSU-FBR211 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211NAD001 FUJITSU-FBR211NAD001 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211NAD003 FUJITSU-FBR211NAD003 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211NAD005 FUJITSU-FBR211NAD005 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211NAD006 FUJITSU-FBR211NAD006 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR12 FUJITSU-FBR12 Datasheet
42Kb / 6P
   2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com