Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8211-33ISE Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX8211-33ISE
Description  150mA CMOS Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8211-33ISE Datasheet(HTML) 7 Page - Microsemi Corporation

  LX8211-33ISE Datasheet HTML 1Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 2Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 3Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 4Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 5Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 6Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 7Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 8Page - Microsemi Corporation LX8211-33ISE Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
 2000
Rev. 1.0b, 2002-07-02
LX8211
150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
INTEGR A T E D
PR ODU C T S
TYPICA L CHAR ACT ERIST
TYPICA L CHAR ACT ERIST
TYPICA L CHAR ACT ERIST
TYPICA L CHAR ACT ERIST I CS
ICS
ICS
ICS (C ONT INUE D )
(C ONT INUE D )
(C ONT INUE D )
(C ONT INUE D )
POWER SUPPLY RIPPLE REJECTION VS. FREQUENCY
0dB
100dB
0.1
100
50dB
Frequency (kHz)
C
BYPASS = 470pF
POWER SUPPLY / RIPPLE REJECTION VS. FREQUENCY
0dB
100dB
0.1
100
50dB
Frequency (kHz)
C
BYPASS = 0
ENABLE RESPONSE
VIN = 3.3V CIN = 1µF, COUT = 22µF, CBVP = 470pF, IOUT = 100mA
V
OUT = 2.5V
V
ENABLE
1V /
DIV
5V /
DIV
100µs / DIV
LOAD TRANSIENT RESPONSE
`VIN = 3.3V, CIN = 1µF, COUT = 2.2µF, STEP Load = 50mA
50mV
/ DIV
20µs / DIV
50mV
/ DIV
50mA
/ DIV
I
STEP = 50mA
V
OUT = 2.5V
V
IN
LINE REGULATION STEP RESPONSE
CIN = 1µF, COUT = 22µF, CBVP = 470pF, IOUT = 100mA
10mV
/ DIV
2.75V
20µs / DIV
3.75V
V
OUT = 2.5V
V
IN
LOAD TRANSIENT RESPONSE
VIN = 3.3V, CIN = 1µF, COUT = 2.2µF, STEP Load = 100mA
50mV
/ DIV
100m
A /
DIV
20µs / DIV
V
OUT = 2.5V
I
STEP = 100mA


Similar Part No. - LX8211-33ISE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211-33ISE MICROSEMI-LX8211-33ISE Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-33ISE-TR MICROSEMI-LX8211-33ISE-TR Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8211-33ISE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Microsemi Corporation
LX8211A MICROSEMI-LX8211A Datasheet
269Kb / 9P
   150mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com