Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6134BIN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6134BIN
Description  Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6134BIN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6134BIN Datasheet HTML 1Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 2Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 3Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 4Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 5Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 6Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 7Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 8Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2500V
Differential Input Voltage
15V
Voltage at Input/Output Pin
(V
+)+0.3V, (V)−0.3V
Supply Voltage (V
+–V)
35V
Current at Input Pin
±10 mA
Current at Output Pin (Note 3)
±25 mA
Current at Power Supply Pin
50 mA
Lead Temp. (soldering, 10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Ratings(Note 1)
Supply Voltage
1.8V
≤ V
S ≤ 24V
Junction Temperature Range
LM6132, LM6134
−40˚C
≤ T
J ≤ +85˚C
Thermal resistance (
θ
JA)
N Package, 8-pin Molded DIP
115˚C/W
M Package, 8-pin Surface Mount
193˚C/W
N Package, 14-pin Molded DIP
81˚C/W
M Package, 14-pin Surface Mount
126˚C/W
5.0V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V= 0V, V
CM =VO =V
+/2 and R
L > 1MΩ to VS/2.
Boldface limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6134AI
LM6134BI
Units
LM6132AI
LM6132BI
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.25
2
4
6
8
mV
max
TCV
OS
Input Offset Voltage Average Drift
5
µV/C
I
B
Input Bias Current
0V
≤ V
CM ≤ 5V
110
140
300
180
350
nA
max
I
OS
Input Offset Current
3.4
30
50
30
50
nA
max
R
IN
Input Resistance, CM
104
M
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 4V
100
75
70
75
70
dB
min
0V
≤ V
CM ≤ 5V
80
60
55
60
55
PSRR
Power Supply Rejection Ratio
±2.5V
≤ V
S ±12V
82
78
75
78
75
dB
min
V
CM
Input Common-Mode Voltage
Range
−0.25
00
V
5.25
5.0
5.0
A
V
Large Signal Voltage Gain
R
L = 10k
100
25
8
15
6
V/mV
min
V
O
Output Swing
100k Load
4.992
4.98
4.93
4.98
4.93
V
min
0.007
0.017
0.019
0.017
0.019
V
max
10k Load
4.952
4.94
4.85
4.94
4.85
V
min
0.032
0.07
0.09
0.07
0.09
V
max
5k Load
4.923
4.90
4.85
4.90
4.85
V
min
0.051
0.095
0.12
0.095
0.12
V
max
I
SC
Output Short Circuit Current
LM6132
Sourcing
4
2
2
2
1
mA
min
Sinking
3.5
1.8
1.8
1.8
1
mA
min
www.national.com
2


Similar Part No. - LM6134BIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6134BIN NSC-LM6134BIN Datasheet
1Mb / 24P
   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6134BIN/NOPB TI1-LM6134BIN/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Cirrus Logic
LM6134BIN/NOPB APEX-LM6134BIN/NOPB Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
National Semiconductor ...
LM6134BINNOPB NSC-LM6134BINNOPB Datasheet
1Mb / 24P
   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
More results

Similar Description - LM6134BIN

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com