Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM614CN Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614CN
Description  Quad Operational Amplifier and Adjustable Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614CN Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM614CN Datasheet HTML 5Page - National Semiconductor (TI) LM614CN Datasheet HTML 6Page - National Semiconductor (TI) LM614CN Datasheet HTML 7Page - National Semiconductor (TI) LM614CN Datasheet HTML 8Page - National Semiconductor (TI) LM614CN Datasheet HTML 9Page - National Semiconductor (TI) LM614CN Datasheet HTML 10Page - National Semiconductor (TI) LM614CN Datasheet HTML 11Page - National Semiconductor (TI) LM614CN Datasheet HTML 12Page - National Semiconductor (TI) LM614CN Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Typical Performance Characteristics (Op Amps) V+ = 5V, V= GND = 0V, V
CM = V
+/2,
VOUT = V
+/2, T
J = 25˚C, unless otherwise noted (Continued)
Small-Signal Voltage Gain
vs Frequency and Load
DS009326-79
Follower Small-Signal
Frequency Response
DS009326-80
Common-Mode Input
Voltage Rejection Ratio
DS009326-81
Power Supply Current vs
Power Supply Voltage
DS009326-7
Positive Power Supply
Voltage Rejection Ratio
DS009326-21
Negative Power Supply
Voltage Rejection Ratio
DS009326-22
www.national.com
9


Similar Part No. - LM614CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM614CWM/NOPB TI1-LM614CWM/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Quad Operational Amplifier and Adjustable Reference
logo
National Semiconductor ...
LM614CWMNOPB NSC-LM614CWMNOPB Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
More results

Similar Description - LM614CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM614 TI1-LM614 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Operational Amplifier and Adjustable Reference
logo
National Semiconductor ...
LM614 NSC-LM614_14 Datasheet
1Mb / 28P
   LM614 Quad Operational Amplifier and Adjustable Reference
LM611 NSC-LM611 Datasheet
735Kb / 17P
   Operational Amplifier and Adjustable Reference
logo
Texas Instruments
LM611IMX TI1-LM611IMX Datasheet
1Mb / 28P
[Old version datasheet]   LM611 Operational Amplifier and Adjustable Reference
LM611IMX TI-LM611IMX Datasheet
1Mb / 28P
[Old version datasheet]   LM611 Operational Amplifier and Adjustable Reference
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
January 2003
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com