Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6165 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6165
Description  High Speed Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6165 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6165 Datasheet HTML 1Page - National Semiconductor (TI) LM6165 Datasheet HTML 2Page - National Semiconductor (TI) LM6165 Datasheet HTML 3Page - National Semiconductor (TI) LM6165 Datasheet HTML 4Page - National Semiconductor (TI) LM6165 Datasheet HTML 5Page - National Semiconductor (TI) LM6165 Datasheet HTML 6Page - National Semiconductor (TI) LM6165 Datasheet HTML 7Page - National Semiconductor (TI) LM6165 Datasheet HTML 8Page - National Semiconductor (TI) LM6165 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC Electrical Characteristics (Continued)
Note 8: The average voltage that the weakest pin combinations (those involving Pin 2 or Pin 3) can withstand and still conform to the datasheet limits. The test circuit
used consists of the human body model of 100 pF in series with 1500
Ω.
Note 9: VIN = 0.8V step. For supply = ±5V, VIN = 0.2V step.
Note 10: Voltage Gain is the total output swing (20V) divided by the input signal required to produce that swing.
Note 11: The voltage between V+ and either input pin must not exceed 36V.
Note 12: A military RETS electrical test specification is available on request. At the time of printing, the LM6165J/883 RETS spec complied with the Boldface limits
in this column. The LM6165J/883 may also be procured as Standard Military Drawing #5962-8962501PA.
Typical Performance Characteristics R
L =10kΩ,TA = 25˚C unless otherwise specified
Supply Current vs
Supply Voltage
DS009152-16
Common-Mode
Rejection Ratio
DS009152-17
Power Supply
Rejection Ratio
DS009152-18
Gain-Bandwidth
Product
DS009152-19
Propagation Delay,
Rise and Fall Times
DS009152-20
Gain-Bandwidth Product vs
Load Capacitance
DS009152-21
Slew Rate vs
Load Capacitance
DS009152-22
Overshoot vs
Capacitive Load
DS009152-23
Slew Rate
DS009152-24
www.national.com
5


Similar Part No. - LM6165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6165 TI1-LM6165 Datasheet
504Kb / 14P
[Old version datasheet]   LM6165/LM6265/LM6365 High Speed Operational Amplifier
More results

Similar Description - LM6165

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
   High Speed Operational Amplifier
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM6161 NSC-LM6161 Datasheet
447Kb / 11P
   High Speed Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com