Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G960T45U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G960T45U
Description  3.3V 1A Low Dropout Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G960T45U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G960T45U Datasheet HTML 1Page - List of Unclassifed Manufacturers G960T45U Datasheet HTML 2Page - List of Unclassifed Manufacturers G960T45U Datasheet HTML 3Page - List of Unclassifed Manufacturers G960T45U Datasheet HTML 4Page - List of Unclassifed Manufacturers G960T45U Datasheet HTML 5Page - List of Unclassifed Manufacturers G960T45U Datasheet HTML 6Page - List of Unclassifed Manufacturers G960T45U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ver: 1.4
Jul 31, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G960
Global Mixed-mode Technology Inc.
3.3V 1A Low Dropout Regulator
Features
Dropout voltage typically 0.8V @ IO = 1A
Output current in excess of 1A
Output voltage accuracy ±2%
Quiescent current, typically 600µA
Internal short circuit current limit
Internal over temperature protection
Applications
CD-R/W
ADSL
Cable Modem
Set-Top-Box
LAN switch/Hub
Router
DVD-R/W
General Description
The G960 positive 3.3V voltage regulator features
the ability to source 1A of output current with a
dropout voltage of typically 0.8V over the entire op-
erating temperature range. A low quiescent current
is provided over the entire current output current
range. The typical quiescent current is 0.6mA. Fur-
thermore, the quiescent current is smaller when the
regulator is in the dropout mode (VIN < 3.3V).
Familiar regulator features such as over tempera-
ture and over current protection circuits are pro-
vided to prevent it from being damaged by ab-
normal operating conditions.
Ordering Information
PIN OPTION
ORDER NUMBER
PACKAGE TYPE
1
2
3
G960T33T
TO220
GND
VOUT
VIN
G960T36T
TO220
VIN
VOUT
GND
G960T43U
TO252
GND
VOUT
VIN
G960T45U
TO252
VIN
GND
VOUT
G960T53U
TO263
GND
VOUT
VIN
G960T63U
SOT223
GND
VOUT
VIN
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T3 : TO 220
1
2
3
U & D : Tape & Reel Direction
T4 : TO 252
1 : VOUT
GND
VIN
T : Tube
T5 : TO 263
2 : VOUT
VIN
GND
T6 : SOT 223
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Typical Application
Package Type
[Note 4] : Type of COUT
G960
C1
0.47µF
IQ
V
IN
V
OUT
I
O
C
OUT
10µF
Top View
1
2
3
SOT 223
Top View
12
3
TO 220、
、252 、
、263


Similar Part No. - G960T45U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
More results

Similar Description - G960T45U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com