Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16(L)F18324 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16(L)F18324
Description  HIGH-VOLTAGE ICSP PROGRAMMING
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16(L)F18324 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16(L)F18324 Datasheet HTML 3Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 4Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 5Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 6Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 7Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 8Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 9Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 10Page - Microchip Technology PIC16(L)F18324 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
 2014-2016 Microchip Technology Inc.
DS40001738D-page 7
PIC16(L)F183XX
3.1.2
LOW-VOLTAGE PROGRAMMING (LVP) MODE
The Low-Voltage Programming mode allows the devices to be programmed using VDD only, without high voltage. When
the LVP bit of the Configuration Word 3 register is set to ‘1’, the low-voltage ICSP programming entry is enabled. To
disable the Low-Voltage ICSP mode, the LVP bit must be programmed to ‘0’. This can only be done while in the
High-Voltage Entry mode.
Entry into the Low-Voltage ICSP Program/Verify mode requires the following steps:
1.
MCLR is brought to VIL;
2.
A 32-bit key sequence is presented on ICSPDAT, while clocking ICSPCLK. 32 clocks are required to match the
sequence pattern, and a 33rd clock is required before the pattern detect goes active.
The key sequence is a specific 32-bit pattern, '0100 1101 0100 0011 0100 1000 0101 0000' (more easily
remembered as MCHP in ASCII). The device will enter Program/Verify mode only if the sequence is valid. The Least
Significant bit of the Least Significant nibble must be shifted in first.
Once the key sequence is complete, MCLR must be held at VIL for as long as Program/Verify mode is to be maintained.
For low-voltage programming timing, see Figure 3-24 and Figure 3-25.
Exiting Program/Verify mode is done by no longer driving MCLR to VIL (see Figure 3-24 and Figure 3-25).
3.1.3
PROGRAM/VERIFY COMMANDS
These devices implement ten programming commands, each six bits in length. The commands are summarized in
Table 3-1. The commands are used to erase and program the device. The commands load and use the Program
Counter (PC).
Commands that have data associated with them are specified to have a minimum delay of TDLY between the command
and the data. After this delay, 16 clocks are required to either clock in or clock out the 14-bit data word. The first clock
is for the Start bit and the last clock is for the Stop bit.
Note:
To enter LVP mode, the LSb of the Least Significant nibble must be shifted in first. This differs from entering
the key sequence on other parts.
TABLE 3-1:
COMMAND MAPPING
Command
Mapping
Data/Note
Binary (MSb … LSb)
Hex
Load Configuration
x
0
0
000
00h
0
, data (14), 0
Load Data for NVM
J(1)
00
010
02h/22h 0, data (14), 0
Read Data from NVM
J(1)
00
100
04h/24h 0, data (14), 0
Increment Address
x
0
0
110
06h
PC = PC + 1
Load PC Address
x
1
1
101
1Dh
0
, data (22), 0
Begin Internally Timed Programming
x
0
1
000
08h
Begin Externally Timed Programming
x
1
1
000
18h
End Programming
x
0
1
010
0Ah
Bulk Erase Memory
x
0
1
001
09h
Internally Timed
Row Erase Memory
x
0
0
101
05h
Internally Timed
Note 1:
When J = 1, the Program Counter is automatically incremented by 1 (PC +1) and does not require an
‘Increment Address’ command to move the PC to the next address. When J = 0, the Program Counter is
not incremented, therefore either a ‘Load PC address’ or ‘Increment Address’ command is required to
move the PC to the next address.


Similar Part No. - PIC16(L)F18324

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16(L)F18324 MICROCHIP-PIC16(L)F18324 Datasheet
1Mb / 2P
   17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
More results

Similar Description - PIC16(L)F18324

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
   HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
   HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
   External Output Voltage Programming
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com