Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1336 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1336
Description  IC for Headphone Stereos (with volume-limiting circuit) Monolithic IC MM1336
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1336 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1336 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1336 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1336 Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MITSUMI
IC for Headphone Stereos (with volume-limiting circuit) MM1336
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Motor control unit
Consumption current
Id
A2 measurement IM=0mA
1.5
3.5
mA
Startup current
IMS
At Rv=1.5
500
mA
Reference voltage
VS
At SW1=OFF, IM=100mA
0.09
0.10
0.11
V
VS fluctuation rate for VCC between
Reference voltage fluctuation I
VS1
1.8 and 3.5V with VCC=3.0
0.1
0.5
%/V
V as reference, IM=100mA
VS fluctuation rate for IM between
Reference voltage fluctuation II
VS2
25 and 200 mA with
0.005 0.05 %/mA
IM=100 mA as reference
VS fluctuation rate for Ta between
Reference voltage fluctuation III
VS3
-10 and 50°C with
0.01
%/°C
Ta=25°C as reference
Output saturation voltage
VoSAT
IM=200mA, V8 measurement, SW2=on
0.2
0.3
V
Bridge ratio
K
V7/
V6 measurement
9
10
11
K fluctuation rate for VCC between
Bridge ratio fluctuation I
K1
1.8 and 3.5V with
0.1
0.2
%/V
VCC=3V as reference
K fluctuation rate for IM between
Bridge ratio fluctuation II
K2
25 and 250mA with
0.05
0.2
%/mA
IM=100mA as reference
K fluctuation rate for Ta between
Bridge ratio fluctuation III
K3
-10 and 60°C with
0.01
%/°C
Ta=25°C as reference
Block Diagram


Similar Part No. - MM1336

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1331 MITSUMI-MM1331 Datasheet
89Kb / 4P
   Step-Up DC/DC Converter(VFF)
MM1332 MITSUMI-MM1332 Datasheet
93Kb / 4P
   Control of Lithium Ion Batteries Charging
More results

Similar Description - MM1336

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LAG673 MITSUMI-LAG673 Datasheet
112Kb / 4P
   IC for Headphone Stereos Monolithic IC
LAG665 MITSUMI-LAG665 Datasheet
169Kb / 5P
   IC for Headphone Stereos Monolithic IC LAG 665
MM1376 MITSUMI-MM1376 Datasheet
81Kb / 3P
   IC for Headphone Stereos
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
logo
Sony Corporation
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
logo
Nippon Precision Circui...
SM6453AB NPC-SM6453AB Datasheet
146Kb / 12P
   3-wire Serial Data Volume Control for Headphone Amplifiers IC
SM6453AB NPC-SM6453AB_02 Datasheet
354Kb / 19P
   3-wire Serial Data Volume Control for Headphone Amplifier IC
logo
Mitsumi Electronics, Co...
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975 Datasheet
747Kb / 33P
   Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
logo
Shenzhen Huazhimei Semi...
HM5266 HMSEMI-HM5266 Datasheet
187Kb / 4P
   IC for Apple Headphone Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com