Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP01FX Datasheet(PDF) 11 Page - Analog Devices

Part # AMP01FX
Description  Low Noise, Precision Instrumentation Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01FX Datasheet(HTML) 11 Page - Analog Devices

Back Button AMP01FX Datasheet HTML 7Page - Analog Devices AMP01FX Datasheet HTML 8Page - Analog Devices AMP01FX Datasheet HTML 9Page - Analog Devices AMP01FX Datasheet HTML 10Page - Analog Devices AMP01FX Datasheet HTML 11Page - Analog Devices AMP01FX Datasheet HTML 12Page - Analog Devices AMP01FX Datasheet HTML 13Page - Analog Devices AMP01FX Datasheet HTML 14Page - Analog Devices AMP01FX Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 10 of 29
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
500 mW
Common-Mode Input Voltage
Supply voltage
Differential Input Voltage
RG ≥ 2 kΩ
±20 V
±10 V
Indefinite
−65°C to +150°C
RG ≤ 2 kΩ
Output Short-Circuit Duration
Storage Temperature Range
Operating Temperature Range
AMP01A, AMP01B
−55°C to +125°C
AMP01E, AMP01F
−25°C to +85°C
Lead Temperature (Soldering, 60 sec)
300°C
Dice Junction Temperature (TJ)
−65°C to +150°C
1 See Table 7 for maximum ambient temperature rating and derating factor
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
Q-18 (100°C max ambient)
70.4
10.2
mW/°C
RW-20
73.7
23.9
mW/°C
ESD CAUTION


Similar Part No. - AMP01FX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01FX AD-AMP01FX Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
More results

Similar Description - AMP01FX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com