Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMR3000-D21-232 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HMR3000-D21-232
Description  Up to 20 Updates per Second
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMR3000-D21-232 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HMR3000-D21-232 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMR3000-D21-232 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMR3000-D21-232 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMR3000-D21-232 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HMR3000-D21-232 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HMR3000-D21-232 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HMR3000-D21-232 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HMR3000
www.honeywell.com
3
PIN CONFIGURATION
Pin Number
Pin Name
Description
1
OP/CAL
Operate/Calibrate (open = operate)
2
TD
Transmit Data, RS-485 (B+)
3
RD
Receive Data, RS-485 (A-)
4
RDY/SLP
Ready/Sleep Input (open = ready)
5
GND
Power and Signal Ground
6
RN/STP
Run/Stop Input (open = run)
7
CT/RST
Continue/Reset (open = continue)
8(1)(2)
+5V
Regulated Power Input (+5 volts)
9(1)
V+
Unregulated Power Input (+6 to +15 VDC)
Pin assignments for 9-
pin “D” connector.
(1) Power input shall only be applied to either Pin 8 (+5VDC) or Pin 9 (Unregulated +6 to
+15VDC).
(2) Exceeding the voltage specifications for Pin 8 may damage the HMR3000.
RS-232 UNBALANCED I/O INTERCONNECTS
RS-485 BALANCED I/O INTERCONNECTS
HMR3000
HOST PC
D
D
R
R
TD
TD
RD
RD
GD
GD
HMR3000
HOST PC
D
D
R
R
TD
TD
RD
RD
GD
GD
HOST PC
D
R
A-
B+
HMR3000
R
D
RD(A)
TD(B)
HOST PC
D
R
A-
B+
HMR3000
R
D
RD(A)
TD(B)


Similar Part No. - HMR3000-D21-232

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR3000-D21-232 HONEYWELL-HMR3000-D21-232 Datasheet
118Kb / 4P
   Digital Compass Module
More results

Similar Description - HMR3000-D21-232

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCCACEM16BG388I XILINX-XCCACEM16BG388I Datasheet
311Kb / 29P
   Configuration rates up to 152 Mb per second
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF_15 Datasheet
594Kb / 37P
   Gate drive supplies up to 20 V per channel
logo
List of Unclassifed Man...
SC11014 ETC-SC11014 Datasheet
992Kb / 21P
   300 / 1200 Bit Per Second Modem
logo
Texas Instruments
ISO7231ADWRG4 TI-ISO7231ADWRG4 Datasheet
746Kb / 21P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
ISO7230A TI-ISO7230A Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
   Up to 10 poles per module
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
logo
PHOENIX CONTACT
PSI-MODEM-SHDSL PHOENIX-PSI-MODEM-SHDSL Datasheet
291Kb / 7P
   Distances up to 20 km
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
STMicroelectronics
SPC564A70B4 STMICROELECTRONICS-SPC564A70B4 Datasheet
984Kb / 133P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com