Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF2401-EVKIT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NRF2401-EVKIT
Description  Single chip 2.4 GHz Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF2401-EVKIT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NRF2401-EVKIT Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF2401-EVKIT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
PRODUCT SPECIFICATION
Q5)6LQJOH&KLS*+]5DGLR7UDQVFHLYHU
Nordic VLSI ASA
-
Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 1.0
Page 7 of 37
March 2003
*ORVVDU\ RI 7HUPV
7HUP
'HVFULSWLRQ
CLK
Clock
CRC
Cyclic Redundancy Check
CS
Chip Select
CE
Chip Enable
DR
Data Ready
GFSK
Gaussian Frequency Shift Keying
ISM
Industrial-Scientific-Medical
MCU
Micro controller
OD
Overdrive
PWR_DWN
Power Down
PWR_UP
Power Up
RX
Receive
ST_BY
Standby
TX
Transmit
Table 5 Glossary


Similar Part No. - NRF2401-EVKIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
NRF2401A-EVKIT ETC1-NRF2401A-EVKIT Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
NRF2401AG ETC1-NRF2401AG Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
More results

Similar Description - NRF2401-EVKIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
   Single chip 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2402 ETC1-NRF2402 Datasheet
368Kb / 31P
   Single chip 2.4 GHz Transmitter
logo
Cypress Semiconductor
CYRF7936 CYPRESS-CYRF7936 Datasheet
1Mb / 21P
   2.4 GHz CyFi??Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com