Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30C50 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # 30C50
Description  Industry Standard Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

30C50 Datasheet(HTML) 3 Page - American Electronic Components, inc

  30C50 Datasheet HTML 1Page - American Electronic Components, inc 30C50 Datasheet HTML 2Page - American Electronic Components, inc 30C50 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
30C50
definite purpose contactor
Ref: 30C50 101711JHM
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
American Electronic Components Inc,. 1100 Lafayette St., Elkhart, IN 46516
Toll Free: (888) 847-6552, Tel: (574) - 295-6330
www.aecsensors.com
Specifications and availability are liable to change without notice.
Overall Dimensions
Dimensions in inches
2 Pole same as 3 pole minus centre terminals
2.75
.362
2.187
.215
3.140
3.231
1.467
2.033
.450
Fig. 1
Power Terminations
Termination Codes: 1 & 5
Standard for 20-30FLA only
#10-32 combination phillips/slotted
and 5/16 hex head screw with #12 washer
Termination Code: 6
Standard for 50 & 60FLA
Box Lug
14-2 AWG (Cu/Al)
Termination Code: 2
Optional for 20-40FLA only.
#10-32 sems screw with pressure plate
Termination Code: 7
Standard for 75 & 90FLA
Box Lug
14-1 AWG (Cu/Al)
Termination Codes: 3 & 4
Standard for 40FLA only
Box Lug
14-4 AWG (Cu/Al)
0.25 6
Dimension in inches
0.28 6
0.39 5


Similar Part No. - 30C50

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
30C01SP SANYO-30C01SP Datasheet
58Kb / 3P
   30C01SP
30C01SS SANYO-30C01SS Datasheet
52Kb / 3P
   30C01SS
30C02CH SANYO-30C02CH Datasheet
51Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
30C02CH ONSEMI-30C02CH Datasheet
584Kb / 6P
   Bipolar Transistor
August, 2013
30C02CH-TL-E ONSEMI-30C02CH-TL-E Datasheet
584Kb / 6P
   Bipolar Transistor
August, 2013
More results

Similar Description - 30C50

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
30C30 AEC-30C30 Datasheet
743Kb / 5P
   Industry Standard Mounting
30C60 AEC-30C60 Datasheet
512Kb / 3P
   Industry Standard Mounting
30C75 AEC-30C75 Datasheet
336Kb / 3P
   Industry Standard Mounting
30C40 AEC-30C40 Datasheet
733Kb / 5P
   Industry Standard Mounting
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
   Industry Standard Dimensions
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com