Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG38L Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG38L
Description  80VDC maximum switching voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG38L Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG38L Datasheet HTML 1Page - American Electronic Components, inc DG38L Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DG38L
pcb power relay
Ref: DG38L 010914JHM
Page 2 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Overall Dimensions, Mounting Holes & Wiring Diagram
Fig. 1
Specifications are subject to change without notice. E&OE.
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1005
5
27
3.75
0.5
1006
6
40
4.50
0.6
1009
9
97
6.75
0.9
1012
12
155
9.00
1.2
1024
24
660
18.00
2.4
1048
48
2560 ±15%
36.00
4.8
1110
110
10330 ±15%
82.5
11.0
Ordering codes
Type
Contact
Material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
D
G
3
8
L
-
7
0
2
1
-
3
0
-
-
Contact Material
70
-
AgSnOInO
See Table 1
Contact Arrangement
21
-
SPST-NO (1 Normally open)
11
-
SPDT (1 Changeover) (not available for P674)
Cover Protection Category
3
-
Covered, sealed. IP67*
Terminations and mounting
0
-
PCB + QC’s for contacts
Options
P674
-
Increased contact gap for 80VDC
2 - 6.4 QC
Bottom view
All dimensions in millimeters
3.8
* Not fitted or required for SPST-NO version
SPST-NO
SPDT
* For optimum electrical life, sealed relays should be vented after board washing.


Similar Part No. - DG38L

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
logo
Maxim Integrated Produc...
DG38LACWE MAXIM-DG38LACWE Datasheet
296Kb / 8P
   General Purpose CMOS Analog Switches
1995
More results

Similar Description - DG38L

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG77 AEC-DG77 Datasheet
264Kb / 3P
   30VDC maximum switching voltage
DG38 AEC-DG38 Datasheet
279Kb / 3P
   110VDC maximum switching voltage
DG76 AEC-DG76 Datasheet
633Kb / 4P
   30V maximum DC switching voltage
logo
LUMEX INC.
GT-RLSAE80 LUMEX-GT-RLSAE80 Datasheet
55Kb / 1P
   LIGHT DUTY LEAD ARRESTOR, 80VDC
logo
Sharp Corporation
PQ1CY1032ZPH SHARP-PQ1CY1032ZPH Datasheet
164Kb / 6P
   Maximum switching current: 3.5A
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
logo
Murata Manufacturing Co...
MHR0612SA206K70 MURATA-MHR0612SA206K70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA206M70 MURATA-MHR0612SA206M70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA686D70 MURATA-MHR0612SA686D70 Datasheet
161Kb / 2P
   Maximum Working Voltage
MHR0612SA686F70 MURATA-MHR0612SA686F70 Datasheet
161Kb / 2P
   Maximum Working Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com