Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ1086 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ1086
Description  1.5 Amp Low Dropout Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ1086 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ1086 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ1086 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ1086 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ1086 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ1086 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ1086 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJ1086
1.5 Amp Low Dropout Positive Voltage Regulators
1-6
2002.rev.A
he PJ1086 seriesof high performance positive voltage
regulators designed for use in applications requiring low
dropout performance at full rated current, Additionally,
the PJ1086 Series provides excellent regulation over variations
due to changes in line, load and temperature. Outstanding
features include low dropout performance at rated current, fast
transient response, internal current limiting and thermal
shutdown protection of the output device. The PJ1086 Series
are three
terminal regulators
with fixed and adjustable voltage
options available in popular packages.
Low dropout voltage 1.3V max.
Full current rating over line and temperature
Fast transient response
±
2%Total output regulation over line, load and
temperature
Adjust pin current max 120μA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220 & TO-263 ,TO-252 package
BLOCK DIAGRAM
NOTE: Contact factory for additional voltage option.
T
Device
Operating Temperature
(Ambient)
Package
PJ1086CZ
PJ1086CZ-2.5
PJ1086CZ-3.3
TO-220
PJ1086CM
PJ1086CM-2.5
PJ1086CM-3.3
TO-263
PJ1086CP
PJ1086CP-2.5
PJ1086CP-3.3
-20℃〜+85℃
TO-252
FEATURES
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATING
Parameter
Symbol
Maximum
Units
Input Voltage
VIN
7
V
Power Dissipation
PD
Internally Limited
W
Thermal Resistance Junction to Case
θJC
2.5
Thermal Resistance Junction to Ambient
θJA
50
/W
Operating Junction Temperature Range
TJ
0 to +125
Operating Ambient Temperature Range
TA
-20 to +85
Storage Temperature Range
TSTG
-25 to 150
Lead Temperature(Soldering) 10 Sec.
TLEAD
260
TO-220
TO-263
Pin:1.Adj(com)
2.Out
3.In.
TO-252


Similar Part No. - PJ1086

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ1086 HAMMOND-PJ1086 Datasheet
175Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ1086H HAMMOND-PJ1086H Datasheet
177Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ1086HP12 HAMMOND-PJ1086HP12 Datasheet
189Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ1086HP12 HAMMOND-PJ1086HP12 Datasheet
216Kb / 3P
   Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
PJ1086HP9 HAMMOND-PJ1086HP9 Datasheet
187Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJ1086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
   3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C Datasheet
89Kb / 5P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585 SEMTECH-EZ1585 Datasheet
113Kb / 5P
   4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
   5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
   2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584 SEMTECH-EZ1584 Datasheet
63Kb / 4P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C_10 Datasheet
168Kb / 5P
   7.0 Amp Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com