Electronic Components Datasheet Search |
|
2-5200-H-2A Datasheet(PDF) 1 Page - ETAL Group |
|
2-5200-H-2A Datasheet(HTML) 1 Page - ETAL Group |
1 / 2 page Thermal Automotive Circuit Breaker 2-5200-... www.e-t-a.de 1646 1 1 Description Typical applications Ordering information Technical data Single pole thermal circuit breaker with push-to-reset, tease-free, trip-free, snap action mechanism (R-type TO CBE to EN 60934; M-type when fitted with optional manual release feature). Designed for plug-in mounting with E-T-A sockets 10 and 16. Extra low voltage wiring systems and components. 2-5200-... Standard current ratings and typical internal resistance values Type No. 2-5200 plug-in Manual release (optional) H manual release facility Current ratings 0.05...16 A 2-5200 - H - 5 A ordering example The exact part number required can be built up from the table of choices shown above. Ordering references for optional features should be omitted if not required. For further details please see chapter: Technical Information Voltage rating DC 28 V (UL: AC 250; DC 50 V) Current rating range 0.05...16 A (up to 25 A to special order) Typical life AC 250 V / DC 28 V: 0.05...16 A 5,000 operations at 2 x IN, inductive Ambient temperature -20...+60 °C (-4...+140 °F) Insulation co-ordination rated impulse pollution (IEC 60664 and 60664 A) withstand voltage degree 2.5 kV 2 Dielectric strength (IEC 60664 and 60664A) test voltage operating area AC 1,500 V Insulation resistance > 100 MΩ (DC 500 V) Interrupting capacity Icn 0.05...2.5 A 8 x IN 3...5 A 20 x IN 6...16 A 400 A Interrupting capacity UN (UL 1077) AC 250 V 2,000 A DC 50 V 2,500 A Degree of protection operating area IP40 (IEC 60529/DIN 40050) terminal area IP00 Vibration 8 g (57 to 500 Hz) ± 0.61 mm, (10-57 Hz), to IEC 60068-2-6, test Fc, Shock 25 g (11 ms) to IEC 60068-2-27, test Ea Corrosion 96 hours at 5 % salt mist, to IEC 60068-2-11, test Ka Humidity 240 hours at 95 % RH to IEC 60068-2-78, test Cab Mass approx. 35 g Approvals All dimensions without tolerances are for reference only. In the interest of improved design, performance and cost effectiveness the right to make changes in these specifications without notice is reserved.Product markings may not be exactly as the ordering codes. Errors and omissions excepted. Current rating (A) Internal resistance (Ω) Current rating (A) Internal resistance (Ω) 0.05 280 2.5 0.2 0.08 100 3 0.1 0.1 110 3,5 0.065 0.2 29 4 0.065 0.3 14 4.5 0.05 0.4 7 5 0.05 0.5 4.9 6 0.02 0.6 3.4 7 0.02 0.7 2.5 8 < 0.02 0.8 1.8 10 < 0.02 1 1.2 12 < 0.02 1.2 0.84 13 < 0.02 1.5 0.6 15 < 0.02 1.8 0.4 16 < 0.02 2 0.25 Authority Standard Rated voltage Current ratings UL UL 1077 AC 250 V DC 50 V 0.05 A…20 A 0.05 A…25 A CSA C22.2 No 235 AC 250 V DC 50 V 0.05 A…20 A 0.05 A…25 A |
Similar Part No. - 2-5200-H-2A |
|
Similar Description - 2-5200-H-2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |