Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-6400-IG2-L10A3SI8A Datasheet(PDF) 2 Page - ETAL Group

Part # 2-6400-IG2-L10A3SI8A
Description  Motors, transformers, solenoids, controls for oil and gas boilers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2-6400-IG2-L10A3SI8A Datasheet(HTML) 2 Page - ETAL Group

  2-6400-IG2-L10A3SI8A Datasheet HTML 1Page - ETAL Group 2-6400-IG2-L10A3SI8A Datasheet HTML 2Page - ETAL Group 2-6400-IG2-L10A3SI8A Datasheet HTML 3Page - ETAL Group 2-6400-IG2-L10A3SI8A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Overcurrent Circuit Breaker 2-6400-...
Thermal Overcurrent Circuit Breaker 2-6400-...
www.e-t-a.de
1635
2
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
°C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.84
0.92
1
1.08
1.16
1.24
4
1.5
4
operating area
mounting area
.157
.059
.157
Installation drawing
7
See dimension diagram.
-P10 0.05…7 A
-P10 8…16 A
-P10-A3 0.05…16 A
-L10 0.05…7 A
-L10 8…16 A
-L10-A3 0.05…16 A
.276
157
46
2
(-A3)
(3)
15
7
46
3
(-A3)
(2)
0.05...7 A
8...16 A
Internal connection diagrams
Terminal design
12
46 8102040
… times rated current
10000
1000
100
10
1
0.1
Typical time/current characteristics at +23 °C/+73.4 °F
This is a metric design and millimeter dimensions take precedence ( mm )
inch
SW14
5
ø6.4
iG1=8.8
iG2=11.3
14.5
11.5
31
16.5
current rating in A
iG1=ø9.6-0.1
iG2=ø12.2-0.1
mounting hole
iG1=3/8-27UNS-2A tightening torque max. 1 Nm
iG2=M12x1 tightening torque max. 1.5 Nm
(moulded
threadneck)
-P10
0.05 - 7A
blade terminal
DIN 46244-A6.3-0.8
(QC .250)
.252
.453
1.22
.650
.571
.551
iG1=.346
iG2=.445
iG1=.378-.004
iG2=.480-.004
Dimensions


Similar Part No. - 2-6400-IG2-L10A3SI8A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-640362-2 MACOM-2-640362-2 Datasheet
796Kb / 1P
   2-640362-2 Product Details
2-640387-0 MACOM-2-640387-0 Datasheet
140Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, RIGHT ANGLE, REAR BEND, .045 SQUARE POST, TIN PLATED
2-640387-1 MACOM-2-640387-1 Datasheet
140Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, RIGHT ANGLE, REAR BEND, .045 SQUARE POST, TIN PLATED
2-640387-2 MACOM-2-640387-2 Datasheet
140Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, RIGHT ANGLE, REAR BEND, .045 SQUARE POST, TIN PLATED
2-640387-3 MACOM-2-640387-3 Datasheet
140Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, RIGHT ANGLE, REAR BEND, .045 SQUARE POST, TIN PLATED
More results

Similar Description - 2-6400-IG2-L10A3SI8A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
logo
Siemens Semiconductor G...
LOA24.171B27 SIEMENS-LOA24.171B27 Datasheet
529Kb / 10P
   Oil Burner Controls
logo
ETAL Group
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
logo
Visual Communications C...
PML50 VCC-PML50 Datasheet
258Kb / 4P
   Maritime, Oil and Gas Industry
logo
Toshiba Semiconductor
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com