Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104-P10-10A Datasheet(PDF) 1 Page - ETAL Group

Part # 104-P10-10A
Description  Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

104-P10-10A Datasheet(HTML) 1 Page - ETAL Group

  104-P10-10A Datasheet HTML 1Page - ETAL Group 104-P10-10A Datasheet HTML 2Page - ETAL Group 104-P10-10A Datasheet HTML 3Page - ETAL Group 104-P10-10A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
1
Thermal Overcurrent Circuit Breakers 104/105/106-...
1628
1
Description
Typical applications
Ordering information
Approvals
Technical data
Miniaturised single pole thermal circuit breaker with push-to-reset,
tease-free, trip-free, snap action mechanism (R-type TO CBE to EN
60934). Available in versions for PCB or panel mounting, snap-in or
threadneck, or as an integral type. Approved to CBE standard EN
60934 (IEC 60934). For higher current ratings see type 1140.
Motors, transformers, solenoids, printed circuit boards, hand-held
machines and appliances, marine applications, caravans.
104-...
105-...
106-...
For further details please see chapter: Technical Information
Voltage rating
AC 240 V; DC 48 V
(UL: AC 250 V; DC 48 V)
Current ratings
0.05...10 A
Typical life
0.05...5 A 1,000 operations at 2 x IN, inductive
DC 28 V:
3,000 operations at 2 x IN, inductive
6...8 A
500 operations at 2 x IN, inductive
10 A
50 operations at 2 x IN, inductive
Ambient temperature
-20...+60 °C (-4...+140 °F) T 60
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
test voltage
(IEC 60664 and 60664A)
operating area
AC 3,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.05...8 A
6 x IN AC
0.05...10 A
6 x IN DC
Interrupting capacity
IN
UN
(UL 1077)
0.05...10 A
AC 250 V
2,000 A
0.05...10 A
DC 48 V
200 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
10 g (57-500 Hz) ± 0.76 mm (10-57 Hz),
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
25 g (11 ms) to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH,
to IEC 60068-2-78, test Cab
Mass
approx. 10 g
Standard current ratings and typical internal resistance values
Type No.
104
PCB mounting type (-PR), or integral type (-P30/P10)
105
snap-in panel mounting
106
threadneck panel mounting with metal hex and plastic knurled nut
(hardware bulk shipped with 5 pcs plus)
106-M2
threadneck panel mounting 3/8-27UNS with collar, metal hex nut
and plastic knurled nut (hardware bulk shipped with 5 pcs plus)
Terminal design
P10
blade terminals A6.3-0.8 (QC .250)
P30
blade terminals A2.8-0.8 (QC .110)
PR
solder terminal pins for PCB mounting (type 104 only)
PR3
PCB mounting (vertical), type 104 only
Current ratings
0.05...10 A
106
-
P30 - 5 A ordering example
The exact part number required can be built up from the table of choices shown
above. Ordering references for optional features should be omitted if not required.
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
0.05
285
1.8
0.28
0.08
134
2
0.25
0.1
81
2.5
0.18
0.2
22
3
0.11
0.3
8.7
3.5
0.076
0.4
5.5
4
0.067
0.5
3.3
4.5
0.051
0.6
2.45
5
≤ 0.05
0.7
1.6
6
≤ 0.05
0.8
1.45
7
≤ 0.05
1
0.9
8
≤ 0.05
1.2
0.6
10
≤ 0.05
1.5
0.4
Preferred types Standard current ratings (A)
0.5 0.8 1 1.2 1.5 2
3
4
5
6
8 10
106-P10-
x
x
x
x
x
x
x
x
x
x
x
x
106-P30-
x
x
x
x
x
x
x
x
x
x
x
x
Preferred types
Authority
Standard
Rated voltage
Current ratings
VDE /SEV
IEC/EN 60934
AC 240 V
DC 48 V
0.02 A… 8 A
0.02 A…10 A
UL
UL1077
AC 250 V
DC 48 V
0.05 A…10 A
0.05 A…10 A
CSA
C22.2 No 235
AC 250 V
DC 48 V
0.05 A…10 A
0.05 A…10 A
CQC
GB 17701
AC 240 V
DC 48 V
0.05 A…8 A
0.05 A…10 A


Similar Part No. - 104-P10-10A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
logo
ADL Embedded Solutions
104-PWR-500A ADL-104-PWR-500A Datasheet
294Kb / 2P
   PC/104 - Peripherals
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
   PC/104 Peripherals
104-PWR-512A-12 ADL-104-PWR-512A-12 Datasheet
323Kb / 2P
   PC/104 Peripherals
104-PWR-512A-24 ADL-104-PWR-512A-24 Datasheet
323Kb / 2P
   PC/104 Peripherals
More results

Similar Description - 104-P10-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
3130-F ETAL-3130-F Datasheet
269Kb / 6P
   Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com