Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7024S-20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA7024S-20
Description  Programmable Electrically Erasable Logic Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA7024S-20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA7024S-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA7024S-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA7024S-20 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA7024S-20 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA7024S-20 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA7024S-20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
PA7024
PA7024 PEELTM Array
Programmable Electrically Erasable Logic Array
s
CMOS Electrically Erasable Technology
- Reprogrammable in 24-pin DIP, SOIC and
28-pin PLCC packages
-Optional
JN
package
for
22V10
power/ground
compatibility
s
Most Powerful 24-pin PLD Available
- 20 I/Os, 2 inputs/clocks, 40 registers/latches
- 40 logic cell output functions
- PLA structure with true product-term sharing
- Logic functions and registers can be I/O-buried
s
Flexible Logic Cell
- Multiple output functions per cell
- D,T and JK registers with special features
- Independent or global clocks, resets, presets,
clock polarity and output enables
-Sum of products logic for output enable
s
High-Speed Commercial and Industrial Versions
- As fast as 10ns/15ns (tpdi/tpdx), 71.4MHz (fMAX)
- Industrial grade available for 4.5 to 5.5V Vcc
and -40 to +85°C temperatures
s
Ideal for Combinatorial, Synchronous and
Asynchronous Logic Applications
- Integration of multiple PLDs and random logic
- Buried counters, complex state-machines
- Comparators, decoders, multiplexers and
other wide-gate functions
s
Development and Programmer Support
- ICT PLACE Development Software
- Fitters for ABEL, CUPL and other software
-Programming support by ICT PDS-3 and popular third-
party programmers
The PA7024 is a member of the Programmable Electrically
Erasable Logic (PEEL™) Array family based on ICT’s
CMOS EEPROM technology. PEEL™ Arrays free design-
ers from the limitations of ordinary PLDs by providing the
architectural flexibility and speed needed for today’s pro-
grammable logic designs. The PA7024 is by far the most
powerful 24-pin PLD available today with 20 I/O pins, 2
input/global-clocks and 40 registers/latches (20 buried logic
cells and 20 I/O registers/latches). Its logic array imple-
ments 84 sum-of-product logic functions that share 80
product terms. The PA7024’s logic and I/O cells (LCCs,
IOCs) are extremely flexible, offering two output functions
per logic cell (a total of 40 for all 20 logic cells). Logic cells
are configurable as D, T, and JK registers with independent
or global clocks, resets, presets, clock polarity, and other
special features. This makes them suitable for a wide vari-
ety of combinatorial, synchronous and asynchronous logic
applications. With pin compatibility and super-set function-
ality to most 24-pin PLDs, (22V10, EP610/630, GAL6002),
the PA7024 can implement designs that exceed the archi-
tectures of such devices. The PA7024 supports speeds as
fast as 10ns/15ns (tpdi/tpdx) and 71.4MHz (fMAX) at mod-
erate power consumption 120mA (85mA typical). Packag-
ing includes 24-pin DIP, SOIC and 28-pin PLCC (see Figure
1). Development and programming support for the PA7024
is provided by ICT and popular third-party development tool
manufacturers.
General Description
Features
DIP
PLCC-J
PLCC-JN
SOIC
Figure 1: Pin Configuration
Figure 2. Block Diagram
Commercial/
Industrial


Similar Part No. - PA7024S-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA70 VISHAY-PA70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
MTRONPTI
PA7003 MTRONPTI-PA7003 Datasheet
231Kb / 2P
   Suitable for all modulations standards
PA7004 MTRONPTI-PA7004 Datasheet
230Kb / 2P
   Suitable for all modulations standards
PA7006 MTRONPTI-PA7006 Datasheet
179Kb / 2P
   3.8??.2GHz 10W 40dB SOLID STATE POWER AMPLIFIER
logo
List of Unclassifed Man...
PA700A ETC2-PA700A Datasheet
306Kb / 12P
   Wide-Band LTE/Cellular/CDMA SMD Antenna
More results

Similar Description - PA7024S-20

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com